Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISO808 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce ISO808
Description  Galvanic isolated octal high-side power solid state relay for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808 Fiches technique(HTML) 4 Page - STMicroelectronics

  ISO808 Datasheet HTML 1Page - STMicroelectronics ISO808 Datasheet HTML 2Page - STMicroelectronics ISO808 Datasheet HTML 3Page - STMicroelectronics ISO808 Datasheet HTML 4Page - STMicroelectronics ISO808 Datasheet HTML 5Page - STMicroelectronics ISO808 Datasheet HTML 6Page - STMicroelectronics ISO808 Datasheet HTML 7Page - STMicroelectronics ISO808 Datasheet HTML 8Page - STMicroelectronics ISO808 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
2
Pin connection
Figure 2. Pin connection PowerSO-36 (top through view)
ISO808, ISO808-1
Pin
connection
DS14169 - Rev 1
page 4/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38