Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISO808 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce ISO808
Description  Galvanic isolated octal high-side power solid state relay for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button ISO808 Datasheet HTML 27Page - STMicroelectronics ISO808 Datasheet HTML 28Page - STMicroelectronics ISO808 Datasheet HTML 29Page - STMicroelectronics ISO808 Datasheet HTML 30Page - STMicroelectronics ISO808 Datasheet HTML 31Page - STMicroelectronics ISO808 Datasheet HTML 32Page - STMicroelectronics ISO808 Datasheet HTML 33Page - STMicroelectronics ISO808 Datasheet HTML 34Page - STMicroelectronics ISO808 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
Figure 31. PowerSO-36 suggested footprint
Table 18. PowerSO-36 footprint data
Dim
mm
A
9.5
B
14.7-15.0
C
12.5-12.7
D
6.3
E
0.42
G
0.65
ISO808, ISO808-1
PowerSO-36 package information
DS14169 - Rev 1
page 31/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38