| Moteur de recherche de fiches techniques de composants électroniques |
|
MCT8317A Fiches technique(PDF) 40 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MCT8317A Fiches technique(HTML) 40 Page - Texas Instruments |
|
40 / 161 page ![]() 8.3.10.1.1 High-Side Modulation High-side modulation can be configured by setting PWM_MODUL to 00b. In high-side modulation, for a given commutation state, one of the high-side FETs is switching with the commanded duty cycle DUTY_OUT, while the low-side FET is ON with 100% duty cycle (see Figure 8-26). ZC ZC ZC ZC ZC ZC ZC ZC ZC ZC Phase Voltage A Phase Voltage B Phase Voltage C Figure 8-26. 120o commutation in High Side Modulation Mode 8.3.10.1.2 Low-Side Modulation Low-side modulation can be configured by setting PWM_MODUL to 01b. In low-side modulation, for a given commutation state, one of the low-side FETs is switching with the commanded duty cycle DUTY_OUT, while the high-side FET is ON with 100% duty cycle (see Figure 8-27). MCT8317A SLLSFQ2 – JANUARY 2023 www.ti.com 40 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: MCT8317A |