| Moteur de recherche de fiches techniques de composants électroniques |
|
MCT8317A Fiches technique(PDF) 26 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MCT8317A Fiches technique(HTML) 26 Page - Texas Instruments |
|
26 / 161 page ![]() 0 ZERO_ DUTY_ THR MIN_ DUTY SPEED_REF / POWER_REF/ TARGET_DUTY MIN_DUTY x MAX_SPEED / MIN_DUTY x MAX_POWER / MIN_DUTY DUTY_CMD 100% MAX_SPEED / MAX_POWER/ 100% ZERO_ DUTY_ THR + ZERO_ DUTY_ HYST Figure 8-13. Control Input Transfer Function When speed/power loop is disabled (CLOSED_LOOP_MODE = 00b), DUTY_CMD sets the TARGET_DUTY in % - TARGET_DUTY is 100% when DUTY_CMD is 100% and TARGET_DUTY is equal to MIN_DUTY when DUTY_CMD is set to MIN_DUTY. TARGET_DUTY stays clamped at MIN DUTY for ZERO_DUTY_THR ≤ DUTY_CMD ≤ MIN_DUTY. When speed loop is enabled (CLOSED_LOOP_MODE = 01b), DUTY_CMD sets the SPEED_REF in Hz. MAX_SPEED sets the SPEED_REF at DUTY_CMD of 100%. MIN_DUTY sets the minimum SPEED_REF (MIN_DUTY x MAX_SPEED). SPEED_REF stays clamped at (MIN_DUTY x MAX_SPEED) for ZERO_DUTY_THR ≤ DUTY_CMD ≤ MIN_DUTY. When power loop is enabled (CLOSED_LOOP_MODE = 10b), DUTY_CMD sets the POWER_REF in W. MAX_POWER sets the POWER_REF at DUTY_CMD of 100%. MIN_DUTY sets the minimum POWER_REF (MIN_DUTY x MAX_POWER). POWER_REF stays clamped at (MIN_DUTY x POWER_REF) for ZERO_DUTY_THR ≤ DUTY_CMD ≤ MIN_DUTY. ZERO_DUTY_THR sets the DUTY_CMD below which SPEED_REF / POWER_REF / TARGET_DUTY is set to zero and motor is in stopped state. AVS, CL_ACC configure the transient characteristics of DUTY_OUT; the steady state value of DUTY_OUT is directly configured in % through TARGET_DUTY (when speed/power loop is disabled) or through SPEED_REF/POWER_REF (when speed/power loop is enabled). 8.3.7.5.1 Linear Reference Profile Note For all types of reference profiles, duty command < ZERO_DUTY_THR stops the motor irrespective of the speed profile register settings. MCT8317A SLLSFQ2 – JANUARY 2023 www.ti.com 26 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: MCT8317A |