| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP1502 Fiches technique(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP1502 Fiches technique(HTML) 19 Page - Microchip Technology |
|
19 / 28 page ![]() 2021 Microchip Technology Inc. and its subsidiaries DS20006593A-page 19 MCP1502 6.0 PACKAGE INFORMATION 6.1 Package Markings XXNN 6-Lead SOT-23 Example Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC® designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e XXXXY WWNNN AACBY 37256 Device Code MCP1502T-10E/CHY AACBY MCP1502T-12E/CHY AACCY MCP1502T-18E/CHY AACDY MCP1502T-20E/CHY AACEY MCP1502T-25E/CHY AACFY MCP1502T-30E/CHY AACGY MCP1502T-33E/CHY AACHY MCP1502T-40E/CHY AACJY |