Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP1502 Fiches technique(PDF) 18 Page - Microchip Technology

No de pièce MCP1502
Description  High-Precision Buffered Voltage Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1502 Fiches technique(HTML) 18 Page - Microchip Technology

Back Button MCP1502 Datasheet HTML 14Page - Microchip Technology MCP1502 Datasheet HTML 15Page - Microchip Technology MCP1502 Datasheet HTML 16Page - Microchip Technology MCP1502 Datasheet HTML 17Page - Microchip Technology MCP1502 Datasheet HTML 18Page - Microchip Technology MCP1502 Datasheet HTML 19Page - Microchip Technology MCP1502 Datasheet HTML 20Page - Microchip Technology MCP1502 Datasheet HTML 21Page - Microchip Technology MCP1502 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
MCP1502
DS20006593A-page 18
 2021 Microchip Technology Inc. and its subsidiaries
5.2.2
A/D CONVERTER REFERENCE
The MCP1502 product family was carefully designed to
provide a precision, low noise voltage reference for the
Microchip families of ADCs. The circuit shown in
Figure 5-4 shows a MCP1502-25 configured to provide
the reference to the MCP3201, a 12-bit ADC.
FIGURE 5-4:
ADC Example Circuit.
The circuit shown in Figure 5-5 shows a MCP1502-40
configured to provide the reference to a SAR ADC.
Refer to the “MCP331X1 16/15/12-Bit Msps SAR ADC
Evaluation Kit User’s Guide”.
FIGURE 5-5:
SAR ADC Example Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28