Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZMD31020BCF-R Fiches technique(PDF) 18 Page - Zentrum Mikroelektronik Dresden AG

No de pièce ZMD31020BCF-R
Description  Sensor Signal Conditioner
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZMD [Zentrum Mikroelektronik Dresden AG]
Site Internet  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZMD31020BCF-R Fiches technique(HTML) 18 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZMD31020BCF-R Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 15Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 16Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 17Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 18Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 19Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Copyright © 2004, ZMD AG, Rev. 1.6, 2005-05-19
18/19
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior
written consent of the copyright owner. The Information furnished in this publication is preliminary and subject to changes without notice.
ZMD31020
Sensor Signal Conditioner
Datasheet
6.
EVALUATION KIT “ZMD31020KIT”
An evaluation kit is offered, see the illustration below. The Kit provides easy evaluation and experimental
calibration of a sensor element / ZMD31020 combination. It contains a modular calibration board, a CD-ROM
(calibration program, USB port driver, technical documentation), an USB cable and some finished samples in
SSOP14 package. The evaluation kit is described in detail in its technical documentation.
Fig. 3: Evaluation Kit „ZMD31020KIT“ (Hardware)
Important Note:
The Evaluation Kit is not intended to be used for industrial sensor calibration in serial production. If components
of the Evaluation Kit are used for this purpose then an EEPROM programming pulse like specified in section
3.3.5 has to be assured. Otherwise the EEPROM data preservation may be affected.
For industrial sensor calibration ZMD and its partners offer a comprehensive support for the development of the
required hard- and software. Please contact the ZMD sales offices for detailed information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19