Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZMD31020BCF-R Fiches technique(PDF) 17 Page - Zentrum Mikroelektronik Dresden AG

No de pièce ZMD31020BCF-R
Description  Sensor Signal Conditioner
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZMD [Zentrum Mikroelektronik Dresden AG]
Site Internet  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZMD31020BCF-R Fiches technique(HTML) 17 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZMD31020BCF-R Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 15Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 16Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 17Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 18Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCF-R Datasheet HTML 19Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Copyright © 2004, ZMD AG, Rev. 1.6, 2005-05-19
17/19
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior
written consent of the copyright owner. The Information furnished in this publication is preliminary and subject to changes without notice.
ZMD31020
Sensor Signal Conditioner
Datasheet
All pad coordinates refer to the pad centers and related to the left bottom corner of pad 1.
Pad coordinates µm
PIN-No.
PIN Name
X
Y
1
VOUT
45
45.00
2
VDDA
380.2
45.00
3
VDD
1403.30
45.00
4
VSS
1627.40
45.00
5
SCL
1868.8
45.00
6
SDA
2143.8
45.00
7
VPP
2385.3
45.00
8
VBN
2353.4
2763.00
9
VDDB2
2091.6
2763.00
10
VTN
1829.5
2763.00
11
VDDB1
1426.7
2763.00
12
VBP
864.1
2763.00
13
VSSB
478
2763.00
14
VSSA
48.1
2763.00
5.2
Pad Coordinates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19