| Moteur de recherche de fiches techniques de composants électroniques |
|
102SHF100JS6LE Fiches technique(PDF) 20 Page - Exxelia Group |
|
|
|||||||||||||||||||||||||||||
102SHF100JS6LE Fiches technique(HTML) 20 Page - Exxelia Group |
|
20 / 34 page ![]() CERAMIC CAPACITORS 136 www.exxelia.com info@exxelia.com Taping : dimensions Page revised 06/20 III.8. DUT: AT9402 This sample has a paramagnetic behavior with a relatively low magnetic susceptibility Xg around 10–7 uem.CGS/g. III.9. DUT: AT9410 This sample has a paramagnetic behavior with a relatively low magnetic susceptibility Xg around 10–7 uem.CGS/g. IV. ANALYSIS IV.1. Influence Of Leads From the above chart, the following points may be deduced: The copper termination slightly increases the magnetic susceptibility of the chip but the total value remains very low and the paramagnetic behavior is suitable for non-magnetic applications; As the ribbon shows strong paramagnetic behavior, the assembly made with the capacitor and the leads has an even lower magnetic susceptibility than the chip alone. This means that for a very strong requirement for non-magnetic criteria, the assembly made of capacitor and leads is better than the capacitor itself; In theory, it should be possible to decrease the magnetic susceptibility of the as- sembly – capacitor and leads – still further to reach a nearly a nil value, by using thicker or longer silver leads. These would also improve the heat transfer and there- fore allow higher working power. IV.2. INFLUENCE OF TERMINATIONS IV.2.1. Copper Versus Nickel Terminations From the above chart, the following points may be deduced: We are comparing here a magnetic termination – nickel barrier one – and a non-magnetic termination – copper barrier one. Naturally, the nickel termination cannot be used for non-magnetic applications but it enables us to define a limit above which a termination should not be classified as non-magnetic; As we are using a logarithmic axis, the best magnetization value to consider for this limit seems to be around 0.10 uem.CGS/g; Both copper and silver-palladium terminations are below this theoretical limit of 0.10 uem.CGS/g and can therefore be considered as non-magnetic. VI.2.2. Copper Versus Silver-Palladium Terminations From the above chart, the following points may be deduced: The copper or silver-palladium terminations slightly increase the magnetic suscep- tibility of the chip but the total value remains very low and the paramagnetic behav- ior is suitable for non-magnetic applications; General Information |