Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

102SHF100JS6LE Fiches technique(PDF) 34 Page - Exxelia Group

No de pièce 102SHF100JS6LE
Description  Super HiQ
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXXELIA [Exxelia Group]
Site Internet  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

102SHF100JS6LE Fiches technique(HTML) 34 Page - Exxelia Group

Back Button 102SHF100JS6LE Datasheet HTML 26Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 27Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 28Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 29Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 30Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 31Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 32Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 33Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 34Page - Exxelia Group  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
CERAMIC CAPACITORS
16
www.exxelia.com
info@exxelia.com
Page revised 06/20
Taping : dimensions
As the world’s leading manufacturer of specific passive components, we stand
apart through our ability to quickly evaluate the application specific engineering
challenges and provide a cost-effective and efficient solutions.
For requirements that cannot be met by catalog products, we offer leading edge
solutions in custom configuration: custom geometries, packaging, characteristics,
all is possible thanks to our extensive experience and robust development process,
while maintaining the highest level of reliability.
Where necessary, special testing is done to verify requirements, such as low
dielectric absorption, ultra-high insulation resistance, low dissipation factor,
stability under temperature cycling or under specified environmental conditions,
etc.
HIGH CAPACITANCE
• High energy density
• Specific case sizes
• Specific shape of connections (high resistance to vibrations)
HIGH TEMPERATURE
• Up to 250°C
• Specific shape of connections
• 2,000 hours life time
• HMP soldering
OTHERS
• Screen printed resistors
• Complex components
• Full functions available
HIGH VOLTAGE
• Up to 50 kV
• Specific circular shape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com