| Moteur de recherche de fiches techniques de composants électroniques |
|
DRA821U2...ALM Fiches technique(PDF) 10 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA821U2...ALM Fiches technique(HTML) 10 Page - Texas Instruments |
|
10 / 252 page ![]() 6 Terminal Configuration and Functions 6.1 Pin Diagram Note The terms "ball", "pin", and "terminal" are used interchangeably throughout the document. An attempt is made to use "ball" only when referring to the physical package. Figure 6-1 shows the ball locations for the 433-ball flip chip ball grid array (FCBGA) package that are used in conjunction with Table 6-1 through Table 6-107 to locate signal names and ball grid numbers. C E G J L N R U W AA 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 D F H K M P T V Y A B Figure 6-1. ALM FCBGA-N433 Pin Diagram (Bottom View) DRA821U-Q1 SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022 www.ti.com 10 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: DRA821U-Q1 |