| Moteur de recherche de fiches techniques de composants électroniques |
|
DRA821U2...ALM Fiches technique(PDF) 81 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA821U2...ALM Fiches technique(HTML) 81 Page - Texas Instruments |
|
81 / 252 page ![]() Table 6-105. Power Supply Signal Description (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] VDD_CPU CPU core supply PWR J10, L11, M9, N11, N8 VDD_MCU MCUSS core supply PWR G9, H10, H14, J13, K15 VDD_MCU_WAKE1 Core supply for MCU WAKE function PWR G13 VDD_WAKE0 Core supply for MAIN domain WAKE function which includes all "CANUART" IO. PWR P11 VSS Ground GND B5, AA1, AA10, AA13, AA4, AA7, C11, D15, D17, D3, E10, E12, E15, E16, E6, E9, F1, G10, G12, G16, G6, G8, H11, H13, H15, H19, H4, H7, H9, J1, J12, J21, K11, K13, K3, L12, L19, L5, M11, M13, M15, M21, M6, M8, N10, N12, N3, P13, P5, P9, R10, R12, R14, T11, T2, T6, T8, T9, U10, U7, V11, V12, V9, W10, W13, W18, W4, W7, Y12, Y3, Y6, Y9 (1) This pin must always be connected via a 1-μF ± 10% capacitor to VSS. www.ti.com DRA821U-Q1 SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 81 Product Folder Links: DRA821U-Q1 |