| Moteur de recherche de fiches techniques de composants électroniques |
|
CMB1306 Fiches technique(PDF) 24 Page - Cree LED |
|
|
|||||||||||||||||||||||||||||
CMB1306 Fiches technique(HTML) 24 Page - Cree LED |
|
24 / 26 page ![]() XLAMP® CMB1306 LED © 2022 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, and EasyWhite® are registered trademarks, and the Cree LED logo is a trademark, of Cree LED. CLD-DS280 REV 0 24 NOTES Measurements The luminous flux, radiant power, chromaticity, forward voltage and CRI measurements in this document are binning specifications only and solely represent product measurements as of the date of shipment. These measurements will change over time based on a number of factors that are not within Cree LED’s control and are not intended or provided as operational specifications for the products. Calculated values are provided for informational purposes only and are not intended or provided as specifications. Pre-Release Qualification Testing Please read the LED Reliability Overview for details of the qualification process Cree LED applies to ensure long-term reliability for XLamp LEDs and details of Cree LED’s pre-release qualification testing for XLamp LEDs. Cree LED did not perform Room Temperature Operating Life (RTOL) testing on the CMB1306 LED. Lumen Maintenance Cree LED now uses standardized IES LM-80-08 and TM-21-11 methods for collecting long-term data and extrapolating LED lumen maintenance. For information on the specific LM-80 data sets available for this LED, refer to the public LM-80 results document. Please read the Long-Term Lumen Maintenance application note for more details on Cree LED’s lumen maintenance testing and forecasting. Please read the Thermal Management application note for details on how thermal design, ambient temperature, and drive current affect the LED junction temperature. Vision Advisory WARNING: Do not look at an exposed lamp in operation. Eye injury can result. For more information about LEDs and eye safety, please refer to the LED Eye Safety application note. |