| Moteur de recherche de fiches techniques de composants électroniques |
|
CMB1306 Fiches technique(PDF) 20 Page - Cree LED |
|
|
|||||||||||||||||||||||||||||
CMB1306 Fiches technique(HTML) 20 Page - Cree LED |
|
20 / 26 page ![]() XLAMP® CMB1306 LED © 2022 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, and EasyWhite® are registered trademarks, and the Cree LED logo is a trademark, of Cree LED. CLD-DS280 REV 0 20 BIN AND ORDER CODE FORMATS Bin codes and order codes are configured as follows: Order Code Bin Code SSSSSCC-HHHH-HHHGGRNNNNN Series = CMB13 Internal code CRI Specification B = 70 CRI minimum H = 80 CRI minimum U = 90 CRI minimum Z = 95 CRI minimum Kit code Vf class F0 = 18-V class N0 = 36-V class Performance class SSSSSCC-WWW-FF-GGR-AAAAA Series = CMB13 Chromaticity bin Vf class F0 = 18-V class N0 = 36-V class Internal code CRI Specification B = 70 CRI minimum H = 80 CRI minimum U = 90 CRI minimum Z = 95 CRI minimum Flux bin Performance class |