Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLC2500ATR Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce STLC2500ATR
Description  Bluetooth Single Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2500ATR Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button STLC2500ATR Datasheet HTML 3Page - STMicroelectronics STLC2500ATR Datasheet HTML 4Page - STMicroelectronics STLC2500ATR Datasheet HTML 5Page - STMicroelectronics STLC2500ATR Datasheet HTML 6Page - STMicroelectronics STLC2500ATR Datasheet HTML 7Page - STMicroelectronics STLC2500ATR Datasheet HTML 8Page - STMicroelectronics STLC2500ATR Datasheet HTML 9Page - STMicroelectronics STLC2500ATR Datasheet HTML 10Page - STMicroelectronics STLC2500ATR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
STLC2500A
Electrical characteristics
7/37
2.3
I/O specifications
The I/Os comply with the EIA/JEDEC standard JESD8-B.
Note:
X is the source/sink current under worst-case conditions according to the drive capabilities
(see Chapter 6)
2.4
Clock specifications
The STLC2500A supports, on the same input pin, the system clock both as a sine wave
clock and as a digital clock (see
Table 14 for selection). The system clock section is powered
by VDD_CLD (G08 and H09). The voltage range for VDD_CLD is the same as for
VDD_IO_A.
Table 3.
DC input specification (all digital I/Os except system clock)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIL
Low Level input voltage
0.35 *
VDD_IO_x
V
VIH
High Level input voltage
0.65 *
VDD_IO_x
V
Vhyst
Schmitt trigger hysteresis
0.4
0.5
0.6
V
Table 4.
DC output specification
Symbol
Parameter
Min.
Typ.
Max.
Unit
VOL
Low Level output voltage
Id = X mA
0.15
V
VOH
High Level output voltage
Id = X mA
VDD_IO_x
- 0.15
Table 5.
System clock supported frequencies
Symbol
Parameter
Values
Unit
FIN
Clock input frequency list
13, 26, 19.2, 38.4
MHz
Table 6.
System clock overall specifications
Symbol
Parameter
Min.
Typ.
Max.
Unit
FINTOL
Tolerance on input frequency
-20
20
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37