Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

REC2010CT-R500JN-99 Fiches technique(PDF) 1 Page - Vishay Barry

No de pièce REC2010CT-R500JN-99
Description  BeO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BARRY [Vishay Barry]
Site Internet  https://barryind.com/
Logo BARRY - Vishay Barry

REC2010CT-R500JN-99 Fiches technique(HTML) 1 Page - Vishay Barry

  REC2010CT-R500JN-99 Datasheet HTML 1Page - Vishay Barry  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REC2010CT-XXXX*JN-99
BeO
POWER CHIP RESISTOR
WWW.BARRYIND.COM
Features:
♦ BeO Material
♦ DC - 2 GHz Performance
♦ 30 Watt Input Power
♦ CT = Matte Tin over Nickel over Silver
♦ Surface Mountable
General Description:
The REC2010CT-XXXX*JN-99 is a standard
(.5 - 1Mohm available) surface mountable BeO power
chip resistor. It has an input power rating of 30 watts,
while maintaining a heat sink temperature of 100°C. It
offers a frequency range from DC to 2 GHz.
0.5....R500
1 ......1R00
10.....10R0
50.....50R0
100...1000
150...1500
1K.....1001
10K...1002
100K.1003
470K.4703
1M....1004
* XXXX = Resistance Value in Ohms
.5 - 1Mohm available
RoHS
COMPLIANT
TM
n
o
it
a
n
i
g
ir
O
e
t
a
D
n
o
i
s
i
v
e
R
e
t
a
D
.
v
e
R
7
0
/
5
2
/
9
0
1
/
4
1
/
6
0
A
r
e
t
e
m
a
r
a
P
.
n
i
M
.
p
y
T
.
x
a
M
s
t
i
n
U
y
c
n
e
u
q
e
r
F2
z
H
G
e
c
n
a
r
e
l
o
T
e
c
n
a
t
s
i
s
e
R%
5
-
/
+s
m
h
O
s
s
o
L
n
r
u
t
e
R
t
u
p
n
I7
1B
d
g
n
i
t
a
R
r
e
w
o
P
t
u
p
n
I0
3s
t
t
a
W
e
r
u
t
a
r
e
p
m
e
T
e
c
a
f
r
u
S
g
n
i
t
n
u
o
M0
0
1C
°
Front
Back
Barry Industries reserves the right to change part number and or process without notification.
Barry Industries, Inc., 60 Walton St., Attleboro, MA 02703 T: 508-226-3350 F: 508-226-3317 E-mail: sales@barryind.com
Barry Industries maintains an ISO 9001 Certified Quality Management System


Numéro de pièce similaire - REC2010CT-R500JN-99

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Barry
REC2010CT-R500JN-2T BARRY-REC2010CT-R500JN-2T Datasheet
160Kb / 1P
Aluminum Nitride
04/06/04
More results

Description similaire - REC2010CT-R500JN-99

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Barry
T50R0-350-1X BARRY-T50R0-350-1X Datasheet
128Kb / 1P
BeO
28 Aug 2013
TV0805CB-XXXXJN-98 BARRY-TV0805CB-XXXXJN-98 Datasheet
150Kb / 1P
BeO
Rev.B 06/30/08
TV1005HA-50R0JN-96 BARRY-TV1005HA-50R0JN-96 Datasheet
65Kb / 1P
BeO
7/10/03
TVC2010CB-XXXXJN-99-01 BARRY-TVC2010CB-XXXXJN-99-01 Datasheet
97Kb / 1P
BeO
Rev.D 02/24/09
TZC2525CB-50R0JN-9F BARRY-TZC2525CB-50R0JN-9F Datasheet
43Kb / 1P
BeO
Rev.B 12/07/11
TV1206CB-50R0GN-96-04 BARRY-TV1206CB-50R0GN-96-04 Datasheet
46Kb / 1P
BEO
10/17/11
TVC3737CT-50R0JN-99 BARRY-TVC3737CT-50R0JN-99 Datasheet
179Kb / 1P
BeO
04/02/08
K05Z-XXXXG99-06C36-X BARRY-K05Z-XXXXG99-06C36-X Datasheet
120Kb / 1P
BeO
10/22/08
K05Z-XXXXG9F-05C36-X BARRY-K05Z-XXXXG9F-05C36-X Datasheet
560Kb / 1P
BeO
06/13/08
REC1206CT-XXXXJN-83 BARRY-REC1206CT-XXXXJN-83 Datasheet
156Kb / 1P
BeO or BeO FREE
Rev.A 04/13/04
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com