Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SST26WF040BT-104I/CS Fiches technique(PDF) 59 Page - Microchip Technology

No de pièce SST26WF040BT-104I/CS
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040BT-104I/CS Fiches technique(HTML) 59 Page - Microchip Technology

Back Button SST26WF040BT-104I/CS Datasheet HTML 55Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 56Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 57Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 58Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 59Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 60Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 61Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 62Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 96 page
background image
 2014-2017 Microchip Technology Inc.
DS20005283C-page 59
SST26WF040B/040BA SST26WF080B/080BA
Note:
Due to intellectual property concerns, the
8-ball Chip Scale (Z-Scale™) package
drawing is not included in this data sheet.
Please contact Microchip Sales for more
information.
TABLE 10-1:
PART MARKING
Ordering Number
Marking On Part
SST26WF040B-104I/MF
26WF040B-I/MF
SST26WF040BA-104I/MF
26WF406B-I/MF
SST26WF040B-104I/SN
26WF040B-I/SN
SST26WF040BA-104I/SN
26WF040B-I/SN
SST26WF040B-104I/NP
26WF040B-I/NP
SST26WF040BA-104I/NP
26WF040B-I/NP
SST26WF040BT-104I/CS
W40B
SST26WF080B-104I/MF
26WF080B-I/MF
SST26WF080BA-104I/MF
26WF080B-I/MF
SST26WF080B-104I/SN
26WF080B-I/SN
SST26WF080BA-104I/SN
26WF080B-I/SN
SST26WF080B-104I/NP
26WF080B-I/NP
SST26WF080BA-104I/NP
26WF080B-I/NP
SST26WF080BT-104I/CS
W80B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96