Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SST26WF040BT-104I/CS Fiches technique(PDF) 39 Page - Microchip Technology

No de pièce SST26WF040BT-104I/CS
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040BT-104I/CS Fiches technique(HTML) 39 Page - Microchip Technology

Back Button SST26WF040BT-104I/CS Datasheet HTML 35Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 36Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 37Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 38Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 39Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 40Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 41Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 42Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 96 page
background image
 2014-2017 Microchip Technology Inc.
DS20005283C-page 39
SST26WF040B/040BA SST26WF080B/080BA
TABLE 5-7:
BLOCK-PROTECTION REGISTER FOR SST26WF080B/080BA 1
BPR Bits
Address Range
Protected Block
Size
Read Lock
Write Lock/nVWLDR2
31
30
0FE000H 0FFFFFH
8 KByte
29
28
0FC000H - 0FDFFFH
8 KByte
27
26
0FA000H - 0FBFFFH
8 KByte
25
24
0F8000H - 0F9FFFH
8 KByte
23
22
006000H - 007FFFH
8 KByte
21
20
004000H - 005FFFH
8 KByte
19
18
002000H - 003FFFH
8 KByte
17
16
000000H - 001FFFH
8 KByte
15
0F0000H - 0F7FFFH
32 KByte
14
008000H - 00FFFFH
32 KByte
13
0E0000H - 0EFFFFH
64 KByte
12
0D0000H - 0DFFFFH
64 KByte
11
0C0000H - 0CFFFFH
64 KByte
10
0B0000H - 0BFFFFH
64 KByte
9
0A0000H - 0AFFFFH
64 KByte
8
090000H - 09FFFFH
64 KByte
7
080000H - 08FFFFH
64 KByte
6
070000H - 07FFFFH
64 KByte
5
060000H - 06FFFFH
64 KByte
4
050000H - 05FFFFH
64 KByte
3
040000H - 04FFFFH
64 KByte
2
030000H - 03FFFFH
64 KByte
1
020000H - 02FFFFH
64 KByte
0
010000H - 01FFFFH
64 KByte
1. The default state after a power-on reset is write-protected BPR[31:0] = 5555 FFFF
2. nVWLDR bits are one-time-programmable. Once a WLLDR bit is set, the protection state of that particular block is permanently write-locked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96