Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB22F2GR7113 Fiches technique(PDF) 1 Page - E-SWITCH

No de pièce LB22F2GR7113
Description  LB22 Series Pushbutton Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  E-SWITCH [E-SWITCH]
Site Internet  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

LB22F2GR7113 Fiches technique(HTML) 1 Page - E-SWITCH

  LB22F2GR7113 Datasheet HTML 1Page - E-SWITCH LB22F2GR7113 Datasheet HTML 2Page - E-SWITCH LB22F2GR7113 Datasheet HTML 3Page - E-SWITCH LB22F2GR7113 Datasheet HTML 4Page - E-SWITCH LB22F2GR7113 Datasheet HTML 5Page - E-SWITCH LB22F2GR7113 Datasheet HTML 6Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.e-switch.com
800.867.2717
1
RoHS
Audio / Visual
Consumer Electronics
Vending Machines
Instrumentation
Kiosks
Specifications
Part Number Configurator
Features & Benefits
Applications / Markets
LB22 Series Pushbutton Switch
Specifications subject to change without notice
• Single pole or double pole functions
• Multiple color options
• Multiple cap color and style options
• Latching or momentary options
• Silver or Gold contact material
• IP65 rated
Electrical Rating: 3A @ 250VAC
Electrical Life: 50,000 Cycles
Contact Resistance: 50mΩ Max. @1A 12VDC (Initial)
Insulation Resistance: 1,000 MΩ Min. @ 500VDC
Dielectric Strength: 2,000VAC
Operating/Storage Temperature: -20°C to 55°C
Travel: 3.20mm
Contacts: Silver or Gold Plating
Contact Arrangement: SPDT, DPDT
Actuation Force: SPDT: 2.5±1N; DPDT: 3.5±1N
Panel Thickness: 6.0mm MAX.
Moisture Protection: IP65
Mounting Nut Torque: 0.3 - 0.5Nm
LB22
F = Flat
3 = 1P ON-ON
B = 1P ON-(ON)
G = 2P ON-ON
H = 2P ON-(ON)
0 = Transparent Clear
1 = Transparent Red
3 = Transparent Green
4 = Transparent Blue
5 = Transparent Orange
6 = Silver (Power Symbol
Illum.)
7 = Silver (Non Illum.)
Series
Actuator
Type
Function
Actuator
Color
Medical Equipment
2 = Solder Lug
Terminal
Q = Silver
R = Gold
Contact
Material
NONE =
Non-Illuminated
1 = Full
Illumination
5 = Power
Symbol
Illuminated
(Silver Actuator
only)
Lens Style
NONE =
Non-Illuminated
0 = White
1 = Red
3 = Green
4 = Blue
5 = Yellow
LED
Color
NONE =
Non-Illuminated
1 = 3V
3 = 6V
4 = 12V
5 = 24V
6 = 110V
7 = 220V
Illumination
Voltage
NOTES:
1) (ON) Denotes function is momentary.
Specifications subject to change without notice 6.12.2019
Specifications subject to change without notice 8.22.2022


Numéro de pièce similaire - LB22F2GR7113

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
LB220Z SEOUL-LB220Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
LB221 SEOUL-LB221 Datasheet
376Kb / 14P
INFRARED LAMP LED
LB221 SEOUL-LB221 Datasheet
360Kb / 13P
CYAN LAMP LED
LB221 SEOUL-LB221 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LB221 SEOUL-LB221 Datasheet
392Kb / 14P
RED OVAL LAMP LED
More results

Description similaire - LB22F2GR7113

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
2-1437572-2 MACOM-2-1437572-2 Datasheet
105Kb / 1P
PUSHBUTTON SWITCH TPC13 SERIES
2-1437572-6 MACOM-2-1437572-6 Datasheet
105Kb / 1P
PUSHBUTTON SWITCH TPC13 SERIES
logo
Omron Electronics LLC
A22-6DG OMRON-A22-6DG Datasheet
223Kb / 13P
Pushbutton Switch
A22LHW6A11M OMRON-A22LHW6A11M Datasheet
223Kb / 13P
Pushbutton Switch
A226AR OMRON-A226AR Datasheet
223Kb / 13P
Pushbutton Switch
A2201A OMRON-A2201A Datasheet
223Kb / 13P
Pushbutton Switch
logo
C&K Components
AP2D207SZBE CK-COMPONENTS-AP2D207SZBE Datasheet
340Kb / 6P
AP Series Industrial Pushbutton Switch
logo
List of Unclassifed Man...
HE5B-M2PB ETC2-HE5B-M2PB Datasheet
417Kb / 4P
HE5B Series Pushbutton Enabling Switch
logo
C&K Components
AP CK-COMPONENTS-AP_V02 Datasheet
1Mb / 10P
Industrial Pushbutton Switch
28 Jul 21
logo
E-SWITCH
PB300 E-SWITCH-PB300 Datasheet
1Mb / 3P
Series Pushbutton Switch
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com