Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB22F2GR7113 Fiches technique(PDF) 4 Page - E-SWITCH

No de pièce LB22F2GR7113
Description  LB22 Series Pushbutton Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  E-SWITCH [E-SWITCH]
Site Internet  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

LB22F2GR7113 Fiches technique(HTML) 4 Page - E-SWITCH

  LB22F2GR7113 Datasheet HTML 1Page - E-SWITCH LB22F2GR7113 Datasheet HTML 2Page - E-SWITCH LB22F2GR7113 Datasheet HTML 3Page - E-SWITCH LB22F2GR7113 Datasheet HTML 4Page - E-SWITCH LB22F2GR7113 Datasheet HTML 5Page - E-SWITCH LB22F2GR7113 Datasheet HTML 6Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.e-switch.com
800.867.2717
4
XXX Series
XXX Series
LB22 Series Pushbutton Switch
Panel Cutout
Body Dimensions
Full Illumination
SHEET OF
3
5
8/15/2022
LB22 Catalog Drawing
PANEL THICKNESS 6mm MAX.
14.7
[.58 in]
Panel Thickness
6mm Max.
13.00
[.51 in]
.50
[.02 in]
29.2
[1.1 in]
2.00
[.08 in]
37.0
[1.46 in]
ACTUATOR (PLASTIC)
COLOR: TRANSPARENT
with LED
BEZEL (PLASTIC)
COLOR: SILVER
17.90
[
.705 in]
25.00
[
.984 in]
TERMINAL 3
TERMINAL 2
LED 1
(-)
LED 1
(+)
TERMINAL 1
LED
VOLTAGE
MARKING
LED
COLOR
MARKING
10.00
[.394 in]
2.80
[.110 in]
GASKET
21.80
[.858 in]
25.00
[.984 in]
5.00
[.197 in]
LED (FORWARD)
LED (REVERSE)
-
+
+
-
1
(+)
(-)
3
2
22.00
- .00
.20
+
.866 -.000
.008
+
in
[
]
SPDT LED Schematic



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com