| Moteur de recherche de fiches techniques de composants électroniques |
|
LCR1210-R100F Fiches technique(PDF) 54 Page - Skyworks Solutions Inc. |
|
|
|||||||||||||||||||||||||||||
LCR1210-R100F Fiches technique(HTML) 54 Page - Skyworks Solutions Inc. |
|
54 / 59 page ![]() Si32260/1 54 Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021 11.5. Stencil Aperture Design–QFN-47 (6x8 mm) Dimension mm C1 5.90 C2 7.90 E0.50 F0.80 G1.30 H1.80 P1 1.80 P2 0.73 P3 2.33 P4 2.08 X1 0.30 Y1 0.85 Notes: Stencil Design 1. A stainless steel, laser-cut and electro-polished stencil with trapezoidal walls should be used to assure good solder paste release. 2. The stencil thickness should be 0.125 mm (5 mils). Card Assembly 3. A No-Clean, Type-3 solder paste is recommended. 4. The recommended card reflow profile is per the JEDEC/IPC J-STD-020 specification for Small Body Components. |