| Moteur de recherche de fiches techniques de composants électroniques |
|
LCR1210-R100F Fiches technique(PDF) 50 Page - Skyworks Solutions Inc. |
|
|
|||||||||||||||||||||||||||||
LCR1210-R100F Fiches technique(HTML) 50 Page - Skyworks Solutions Inc. |
|
50 / 59 page ![]() Si32260/1 50 Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021 10.3. 60-Pin QFN (8x8 mm) Figure 27 illustrates the package details for the Si32260/1 60-Pin QFN. Table 23 lists the values for the dimensions shown in the illustration. Figure 27. 60-Pin (QFN Package) Table 23. 60-Pin QFN Package Diagram Dimensions Dimension Min Nom Max Dimension Min Nom Max A 0.60 0.65 0.70 E3 7.50 BSC. b 0.20 0.25 0.30 E4 2.46 2.51 2.56 c 0.25 0.30 0.35 E5 3.34 3.39 3.44 D 8.00 BSC. L 0.35 0.40 0.45 D2 6.35 6.40 6.45 L1 0.05 0.10 0.15 D3 7.50 BSC. aaa — — 0.15 e 0.50 BSC. bbb — — 0.15 E 8.00 BSC. ccc — — 0.10 E2 6.35 6.40 6.45 ddd — — 0.10 Notes: 1. All dimensions shown are in millimeters (mm) unless otherwise noted. 2. Dimensioning and Tolerancing per ANSI Y14.5M-1994. 3. Recommended card reflow profile is per the JEDEC/IPC J-STD-020 specification for Small Body Components. |