| Moteur de recherche de fiches techniques de composants électroniques |
|
FT930Q-R Fiches technique(PDF) 12 Page - Bridgetek Pte Ltd. |
|
|
|||||||||||||||||||||||||||||
FT930Q-R Fiches technique(HTML) 12 Page - Bridgetek Pte Ltd. |
|
12 / 65 page ![]() Copyright © Bridgetek Pte Ltd 12 FT93x Datasheet Embedded Microcontroller Datasheet Version 1.5 Document Reference No.: BRT_000051 Clearance No.: BRT#049 3.5 FT930 Pin Description Pin No. Name Type Description 1 UART2_CTS/GPIO17 I/O GPIO17 input/output. (By default is GPIO input, internal pull-low) Clear to send input for UART2. 2 UART2_DTR/UART3_RXD/ GPIO18 I/O GPIO18 input/output. (By default is GPIO input, internal pull-low) Data terminal ready output for UART2. Receiver input for UART3. 3 UART2_DSR/UART3_TXD/ GPIO19 I/O GPIO19 input/output. (By default is GPIO input, internal pull-low) Data set ready input for UART2 Transmitter output for UART3. 4 UART2_DCD/UART3_RTS/ GPIO20 I/O GPIO20 input/output. (By default is GPIO input, internal pull-low) Data carrier detection input for UART2 Request to send output for UART3. 5 UART2_RI/UART3_CTS/ GPIO21 I/O GPIO21 input/output. (By default is GPIO input, internal pull-low) Ring indicator input for UART2. Clear to send input for UART3. 6 UART0_RXD/PWM3/ GPIO22 I/O GPIO22 input/output. (By default is GPIO input, internal pull-low) Receiver input for UART0. PWM channel 3, output. 7 UART0_TXD/PWM2/ GPIO23 I/O GPIO23 input/output. (By default is GPIO input, internal pull-low) Transmitter output for UART0. PWM channel 2, output. 8 UART0_RTS/PWM1/ GPIO24 I/O GPIO24 input/output. (By default is GPIO input, internal pull-low) Request to send output for UART0. PWM channel 1, output. 9 UART0_CTS/PWM0/ GPIO25 I/O GPIO25 input/output. (By default is GPIO input, internal pull-low) Clear to send input for UART0. PWM channel 0, output. |