| Moteur de recherche de fiches techniques de composants électroniques |
|
FT930Q-R Fiches technique(PDF) 30 Page - Bridgetek Pte Ltd. |
|
|
|||||||||||||||||||||||||||||
FT930Q-R Fiches technique(HTML) 30 Page - Bridgetek Pte Ltd. |
|
30 / 65 page ![]() Copyright © Bridgetek Pte Ltd 30 FT93x Datasheet Embedded Microcontroller Datasheet Version 1.5 Document Reference No.: BRT_000051 Clearance No.: BRT#049 Pin No. Name Type Description 45 NC - Not connected. 46 NC - Not connected. 47 I2CM_SCL/I2CS_SCL/ GPIO12 I/O GPIO12 input/output. (By default is GPIO input, internal pull-low) I2C master serial clock input/output. I2C slave serial clock input/output. 48 I2CM_SDA/I2CS_SDA/ GPIO13 I/O GPIO13 input/output. (By default is GPIO input, internal pull-low) I2C master data line input/output. I2C slave data line input/output. Table 3-4 FT933 Pin Description Notes: P : Power or Ground I : Input O : Output OD : Open drain output I/O : Bi-direction Input and Output AI : Analog Input AO : Analog Output AI/O : Analog Input/output |