Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1107PL Fiches technique(PDF) 18 Page - ams AG

No de pièce AS1107PL
Description  8-Digit LED Display Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1107PL Fiches technique(HTML) 18 Page - ams AG

Back Button AS1107PL Datasheet HTML 12Page - ams AG AS1107PL Datasheet HTML 13Page - ams AG AS1107PL Datasheet HTML 14Page - ams AG AS1107PL Datasheet HTML 15Page - ams AG AS1107PL Datasheet HTML 16Page - ams AG AS1107PL Datasheet HTML 17Page - ams AG AS1107PL Datasheet HTML 18Page - ams AG AS1107PL Datasheet HTML 19Page - ams AG AS1107PL Datasheet HTML 20Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
www.austriamicrosystems.com
Revision 2.2
18 - 20
AS1106, AS1107
austriamicrosystems
Data Sheet
Package Drawings and Markings
Figure 16. 24-pin SOIC Package
Notes:
1. Controlling dimension is millimeters.
Symbol
Min
Max
Symbol
Min
Max
A
2.44
2.84
H
10.11
10.51
A1
0.10
0.30
h
0.31
0.71
A2
2.24
2.44
J
0.53
0.73
B
0.36
0.46
K
7º BSC
C
0.23
0.32
L
0.51
1.01
D
12.65
12.85
R
0.63
0.89
E
7.40
7.50
ZD
0.66 REF
e
1.27 BSC
α
0º
8º



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20