Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1107PL Fiches technique(PDF) 17 Page - ams AG

No de pièce AS1107PL
Description  8-Digit LED Display Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1107PL Fiches technique(HTML) 17 Page - ams AG

Back Button AS1107PL Datasheet HTML 12Page - ams AG AS1107PL Datasheet HTML 13Page - ams AG AS1107PL Datasheet HTML 14Page - ams AG AS1107PL Datasheet HTML 15Page - ams AG AS1107PL Datasheet HTML 16Page - ams AG AS1107PL Datasheet HTML 17Page - ams AG AS1107PL Datasheet HTML 18Page - ams AG AS1107PL Datasheet HTML 19Page - ams AG AS1107PL Datasheet HTML 20Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
www.austriamicrosystems.com
Revision 2.2
17 - 20
AS1106, AS1107
austriamicrosystems
Data Sheet
Package Drawings and Markings
Package Drawings and Markings
The AS1106 and AS1107 are available in 24-pin DIP and 24-pin SOIC packages.
Figure 15. 24-pin DIP Package
Symbol
Min
Max
B0.18
B1
0.015
C0.10
D1.160
D1
0.30
0.60
E.295
.320
ID
0.64
ID1
0.64
E1
.260
eA
.320
.370
e1
1.00
L.125
R.030
T.130
T1
.060
T2
.060
W
.030 REF
α1
7º
α2
7º
α3
7º
α4
7º
P’
.760
A.145
.170
A1
.015
.040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20