Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JVT14U331K Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers

No de pièce JVT14U331K
Description  Metal Oxide Varistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

JVT14U331K Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button JVT14U331K Datasheet HTML 5Page - List of Unclassifed Manufacturers JVT14U331K Datasheet HTML 6Page - List of Unclassifed Manufacturers JVT14U331K Datasheet HTML 7Page - List of Unclassifed Manufacturers JVT14U331K Datasheet HTML 8Page - List of Unclassifed Manufacturers JVT14U331K Datasheet HTML 9Page - List of Unclassifed Manufacturers JVT14U331K Datasheet HTML 10Page - List of Unclassifed Manufacturers JVT14U331K Datasheet HTML 11Page - List of Unclassifed Manufacturers JVT14U331K Datasheet HTML 12Page - List of Unclassifed Manufacturers JVT14U331K Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Metal Oxide Varistor JVT Automotive Series
8
High Surge Series Specification
Agency Approvals
Agency
UL
CUL
VDE
CQC
Agency
Approvals
UL1449
4
th Edition
CSA 22.2
No. 269.5-17
IEC61051-1
IEC61051-2
IEC61051-2-2
IEC61051-1
IEC61051-2
IEC61051-2-2
IEC62368-1:2018/G.8.1
GB/T10193-1997
GB/T10194-1997
GB4943.1-2011
GB/T10193-1997
GB/T10194-1997
GB8898-2011
Title
Transient
Voltage Surge
Suppressors
Transient
Voltage Surge
Suppressors
Varistors for use in electronic equipment
Engaged in Voluntary Product Certification
File No.
VZCA2.E325508
VZCA8.E325508
40004658
CQC15001130702/0703/0700/1017/0699
Symbols
☆
○
●
□
■
Ø 5mm
Rating and Characteristics
Part No.
Varistor
Voltage
at 0.1mA
Maximum
Allowable
Voltage
Maximum
Clamping
Voltage
Withstanding
Surge Current
(8/20us)
Nominal
Discharge
Current
(8/20us)
Rated
Wattage
Energy
(10/1000us)
Certification
DC
( V )
Tolerance
AC rms
( V )
DC
( V )
V@ ic
( V )
ic
( A )
1 Time
( A )
In
( KA )
(W)
(J)
JVT 05S 180M
18
±20%
11
14
40
1
250
0.1
0.01
0.7
☆
○
□
JVT 05S 220L
22
±15%
14
18
48
1
250
0.1
0.01
0.8
☆
○
□
JVT 05S 270K
27
±10%
17
22
60
1
250
0.1
0.01
1.1
☆
○
□
JVT 05S 330K
33
±10%
20
26
73
1
250
0.1
0.01
1.3
☆
○
□
JVT 05S 390K
39
±10%
25
31
86
1
250
0.1
0.01
1.5
☆
○
□
JVT 05S 470K
47
±10%
30
38
104
1
250
0.1
0.01
1.8
☆
○
□
JVT 05S 560K
56
±10%
35
45
123
1
250
0.1
0.01
2.2
☆
○
□
JVT 05S 680K
68
±10%
40
56
150
1
250
0.1
0.01
2.6
☆
○
□
JVT 05S 820K
82
±10%
50
65
145
5
800
0.1
0.1
3.5
☆
○
□
JVT 05S 101K
100
±10%
60
85
175
5
800
0.1
0.1
4.5
☆
○
□
JVT 05S 121K
120
±10%
75
100
210
5
800
0.1
0.1
5.5
☆
○
□
JVT 05S 151K
150
±10%
95
125
260
5
800
0.1
0.1
6.5
☆
○
□
JVT 05S 181K
180
±10%
115
150
320
5
800
0.1
0.1
8.0
☆
○
□
JVT 05S 201K
200
±10%
130
170
355
5
800
0.1
0.1
8.5
☆
○
□
JVT 05S 221K
220
±10%
140
180
380
5
800
0.1
0.1
9.0
☆
○
□
JVT 05S 241K
240
±10%
150
200
415
5
800
0.1
0.1
10.5
☆
○
□
JVT 05S 271K
270
±10%
175
225
475
5
800
0.1
0.1
11
☆
○
□
JVT 05S 301K
300
±10%
195
250
525
5
800
0.1
0.1
12
☆
○
□
JVT 05S 331K
330
±10%
210
275
575
5
800
0.1
0.1
13
☆
○
□
JVT 05S 361K
360
±10%
230
300
620
5
800
0.1
0.1
16
☆
○
□
JVT 05S 391K
390
±10%
250
320
675
5
800
0.1
0.1
17
☆
○
□
JVT 05S 431K
430
±10%
275
350
745
5
800
0.1
0.1
20
☆
○
□
JVT 05S 471K
470
±10%
300
385
810
5
800
0.1
0.1
21
☆
○
□
JVT 05S 511K
510
±10%
320
418
880
5
800
0.1
0.1
22
☆
○
□
JVT 05S 561K
560
±10%
350
460
940
5
800
0.1
0.1
25
☆
○
□
JVT 05S 621K
620
±10%
385
505
1050
5
800
0.1
0.1
27
☆
○
□
JVT 05S 681K
680
±10%
420
560
1150
5
800
0.1
0.1
28
☆
○
□
JVT 05S 751K
750
±10%
460
615
1290
5
800
0.1
0.1
29
☆
○
□



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com