Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JVT14U331K Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce JVT14U331K
Description  Metal Oxide Varistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

JVT14U331K Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  JVT14U331K Datasheet HTML 1Page - List of Unclassifed Manufacturers JVT14U331K Datasheet HTML 2Page - List of Unclassifed Manufacturers JVT14U331K Datasheet HTML 3Page - List of Unclassifed Manufacturers JVT14U331K Datasheet HTML 4Page - List of Unclassifed Manufacturers JVT14U331K Datasheet HTML 5Page - List of Unclassifed Manufacturers JVT14U331K Datasheet HTML 6Page - List of Unclassifed Manufacturers JVT14U331K Datasheet HTML 7Page - List of Unclassifed Manufacturers JVT14U331K Datasheet HTML 8Page - List of Unclassifed Manufacturers JVT14U331K Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Metal Oxide Varistor JVT Automotive Series
4
Ø 10mm
Rating and Characteristics
Part No.
Varistor
Voltage
at 1mA
Maximum
Allowable
Voltage
Maximum
Clamping
Voltage
Withstanding
Surge
Current
(8/20us)
Nominal
Discharge
Current
(8/20us)
Rated
Wattage
Energy
(10/1000us)
Certification
DC
( V )
Tolerance
AC rms
( V )
DC
( V )
V@ ic
( V )
ic
( A )
1 Time
( A )
In
( KA )
(W)
(J)
JVT 10N 180M
18
±20%
11
14
36
5
500
0.25
0.05
2.4
☆
○
□
JVT 10N 220L
22
±15%
14
18
43
5
500
0.25
0.05
2.7
☆
○
□
JVT 10N 270K
27
±10%
17
22
53
5
500
0.25
0.05
3.5
☆
○
□
JVT 10N 330K
33
±10%
20
26
65
5
500
0.25
0.05
4.4
☆
○
□
JVT 10N 390K
39
±10%
25
31
77
5
500
0.25
0.05
4.7
☆
○
□
JVT 10N 470K
47
±10%
30
38
93
5
500
0.25
0.05
6.0
☆
○
□
JVT 10N 560K
56
±10%
35
45
110
5
500
0.25
0.05
7.0
☆
○
□
JVT 10N 680K
68
±10%
40
56
135
5
500
0.25
0.05
8.5
☆
○
□
JVT 10N 820K
82
±10%
50
65
135
25
2500
1.5
0.4
11.0
☆
○
□
JVT 10N 101K
100
±10%
60
85
165
25
2500
1.5
0.4
14.0
☆
○
□
JVT 10N 121K
120
±10%
75
100
200
25
2500
1.5
0.4
16.0
☆
○
□
JVT 10N 151K
150
±10%
95
125
250
25
2500
1.5
0.4
22.0
☆
○
□
JVT 10N 181K
180
±10%
115
150
300
25
2500
1.5
0.4
26.0
☆
●
□
JVT 10N 201K
200
±10%
130
170
340
25
2500
1.5
0.4
28.5
☆
●
■
JVT 10N 221K
220
±10%
140
180
360
25
2500
1.5
0.4
31.0
☆
●
■
JVT 10N 241K
240
±10%
150
200
395
25
2500
1.5
0.4
33.5
☆
●
■
JVT 10N 271K
270
±10%
175
225
455
25
2500
1.5
0.4
39.5
☆
●
■
JVT 10N 301K
300
±10%
195
250
505
25
2500
1.5
0.4
42.0
☆
●
■
JVT 10N 331K
330
±10%
210
275
550
25
2500
1.5
0.4
46
☆
●
■
JVT 10N 361K
360
±10%
230
300
595
25
2500
1.5
0.4
52
☆
●
■
JVT 10N 391K
390
±10%
250
320
650
25
2500
1.5
0.4
60
☆
●
■
JVT 10N 431K
430
±10%
275
350
710
25
2500
1.5
0.4
66
☆
●
■
JVT 10N 471K
470
±10%
300
385
775
25
2500
1.5
0.4
70
☆
●
■
JVT 10N 511K
510
±10%
320
418
842
25
2500
1.5
0.4
74
☆
●
■
JVT 10N 561K
560
±10%
350
460
920
25
2500
1.5
0.4
78
☆
●
■
JVT 10N 621K
620
±10%
385
505
1025
25
2500
1.5
0.4
82
☆
●
■
JVT 10N 681K
680
±10%
420
560
1120
25
2500
1.5
0.4
86
☆
●
■
JVT 10N 751K
750
±10%
460
615
1240
25
2500
1.5
0.4
90
☆
●
■
JVT 10N 781K
780
±10%
485
640
1290
25
2500
1.5
0.4
92
☆
●
■
JVT 10N 821K
820
±10%
510
670
1355
25
2500
1.5
0.4
94
☆
●
■
JVT 10N 911K
910
±10%
550
745
1500
25
2500
1.5
0.4
102
☆
●
■
JVT 10N 102K
1000
±10%
625
825
1650
25
2500
1.5
0.4
112
☆
●
■
JVT 10N 112K
1100
±10%
680
895
1815
25
2500
1.5
0.4
124
☆
●
■



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com