Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JVR07U331K Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce JVR07U331K
Description  Metal Oxide Varistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

JVR07U331K Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button JVR07U331K Datasheet HTML 2Page - List of Unclassifed Manufacturers JVR07U331K Datasheet HTML 3Page - List of Unclassifed Manufacturers JVR07U331K Datasheet HTML 4Page - List of Unclassifed Manufacturers JVR07U331K Datasheet HTML 5Page - List of Unclassifed Manufacturers JVR07U331K Datasheet HTML 6Page - List of Unclassifed Manufacturers JVR07U331K Datasheet HTML 7Page - List of Unclassifed Manufacturers JVR07U331K Datasheet HTML 8Page - List of Unclassifed Manufacturers JVR07U331K Datasheet HTML 9Page - List of Unclassifed Manufacturers JVR07U331K Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Metal Oxide Varistor JVR Series
5
Ø 14mm
Rating and Characteristics
Part No.
Varistor
Voltage
at 1mA
Maximum
Allowable
Voltage
Maximum
Clamping
Voltage
Withstanding
Surge Current
(8/20us)
Nominal
Discharge
Current
(8/20us)
Rated
Wattage
Energy
(10/1000us)
Certification
DC
( V )
Tolerance
AC rms
( V )
DC
( V )
V@ ic
( V )
ic
( A )
1 Time
( A )
In
( KA )
(W)
(J)
JVR 14N 180M
18
±20%
11
14
36
10
1000
1
0.1
4.7
☆
○
□
JVR 14N 220L
22
±15%
14
18
43
10
1000
1
0.1
5.4
☆
○
□
JVR 14N 270K
27
±10%
17
22
53
10
1000
1
0.1
6.9
☆
○
□
JVR 14N 330K
33
±10%
20
26
65
10
1000
1
0.1
8.8
☆
○
□
JVR 14N 390K
39
±10%
25
31
77
10
1000
1
0.1
9.4
☆
○
□
JVR 14N 470K
47
±10%
30
38
93
10
1000
1
0.1
12.0
☆
○
□
JVR 14N 560K
56
±10%
35
45
110
10
1000
1
0.1
14.0
☆
○
□
JVR 14N 680K
68
±10%
40
56
135
10
1000
1
0.1
17.0
☆
○
□
JVR 14N 820K
82
±10%
50
65
135
50
4500
3
0.6
22.0
☆
○
□
JVR 14N 101K
100
±10%
60
85
165
50
4500
3
0.6
28.0
☆
○
□
JVR 14N 121K
120
±10%
75
100
200
50
4500
3
0.6
32.0
☆
○
□
JVR 14N 151K
150
±10%
95
125
250
50
4500
3
0.6
44.0
☆
○
□
JVR 14N 181K
180
±10%
115
150
300
50
4500
3
0.6
52.0
☆
●
□
JVR 14N 201K
200
±10%
130
170
340
50
4500
3
0.6
57.0
☆
●
■
JVR 14N 221K
220
±10%
140
180
360
50
4500
3
0.6
62.0
☆
●
■
JVR 14N 241K
240
±10%
150
200
395
50
4500
3
0.6
67.0
☆
●
■
JVR 14N 271K
270
±10%
175
225
455
50
4500
3
0.6
79
☆
●
■
JVR 14N 301K
300
±10%
195
250
505
50
4500
3
0.6
84.0
☆
●
■
JVR 14N 331K
330
±10%
210
275
550
50
4500
3
0.6
92.0
☆
●
■
JVR 14N 361K
360
±10%
230
300
595
50
4500
3
0.6
104.0
☆
●
■
JVR 14N 391K
390
±10%
250
320
650
50
4500
3
0.6
120.0
☆
●
■
JVR 14N 431K
430
±10%
275
350
710
50
4500
3
0.6
132.0
☆
●
■
JVR 14N 471K
470
±10%
300
385
775
50
4500
3
0.6
140.0
☆
●
■
JVR 14N 511K
510
±10%
320
418
842
50
4500
3
0.6
148.0
☆
●
■
JVR 14N 561K
560
±10%
350
460
920
50
4500
3
0.6
156.0
☆
●
■
JVR 14N 621K
620
±10%
385
505
1025
50
4500
3
0.6
164.0
☆
●
■
JVR 14N 681K
680
±10%
420
560
1120
50
4500
3
0.6
172.0
☆
●
■
JVR 14N 751K
750
±10%
460
615
1240
50
4500
3
0.6
180.0
☆
●
■
JVR 14N 781K
780
±10%
485
640
1290
50
4500
3
0.6
184.0
☆
●
■
JVR 14N 821K
820
±10%
510
670
1355
50
4500
3
0.6
188.0
☆
●
■
JVR 14N 911K
910
±10%
550
745
1500
50
4500
3
0.6
204.0
☆
●
■
JVR 14N 102K
1000
±10%
625
825
1650
50
4500
3
0.6
224.0
☆
●
■
JVR 14N 112K
1100
±10%
680
895
1815
50
4500
3
0.6
248.0
☆
●
■
JVR 14N 122K
1200
±10%
720
975
1980
50
4500
2
0.6
268.0
☆
●
■
JVR 14N 142K
1400
±10%
825
1135
2310
50
4500
2
0.6
300.0
☆
●
■
JVR 14N 162K
1600
±10%
920
1300
2640
50
4500
2
0.6
328.0
☆
●
■
JVR 14N 182K
1800
±10%
1000
1465
2970
50
4500
2
0.6
348.0
☆
●
■



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com