Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JVR07U331K Fiches technique(PDF) 15 Page - List of Unclassifed Manufacturers

No de pièce JVR07U331K
Description  Metal Oxide Varistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

JVR07U331K Fiches technique(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button JVR07U331K Datasheet HTML 11Page - List of Unclassifed Manufacturers JVR07U331K Datasheet HTML 12Page - List of Unclassifed Manufacturers JVR07U331K Datasheet HTML 13Page - List of Unclassifed Manufacturers JVR07U331K Datasheet HTML 14Page - List of Unclassifed Manufacturers JVR07U331K Datasheet HTML 15Page - List of Unclassifed Manufacturers JVR07U331K Datasheet HTML 16Page - List of Unclassifed Manufacturers JVR07U331K Datasheet HTML 17Page - List of Unclassifed Manufacturers JVR07U331K Datasheet HTML 18Page - List of Unclassifed Manufacturers JVR07U331K Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Metal Oxide Varistor JVR Series
14
Ø 10mm
Rating and Characteristics
Part No.
Varistor
Voltage
at 1mA
Maximum
Allowable
Voltage
Maximum
Clamping
Voltage
Withstanding
Surge Current
(8/20us)
Nominal
Discharge
Current
(8/20us)
Rated
Wattage
Energy
(10/1000us)
Certification
DC
( V )
Tolerance
AC rms
( V )
DC
( V )
V@ ic
( V )
ic
( A )
1 Time
( A )
In
( KA )
(W)
(J)
JVR 10U 181K
180
±10%
115
150
300
25
4500
3
0.4
47
☆
●
□
JVR 10U 201K
200
±10%
130
170
340
25
4500
3
0.4
52
☆
●
■
JVR 10U 221K
220
±10%
140
180
360
25
4500
3
0.4
58
☆
●
■
JVR 10U 241K
240
±10%
150
200
395
25
4500
3
0.4
64
☆
●
■
JVR 10U 271K
270
±10%
175
225
455
25
4500
3
0.4
67
☆
●
■
JVR 10U 301K
300
±10%
195
250
505
25
4500
3
0.4
70
☆
●
■
JVR 10U 331K
330
±10%
210
275
550
25
4500
3
0.4
72
☆
●
■
JVR 10U 361K
360
±10%
230
300
595
25
4500
3
0.4
76
☆
●
■
JVR 10U 391K
390
±10%
250
320
650
25
4500
3
0.4
82
☆
●
■
JVR 10U 431K
430
±10%
275
350
710
25
4500
3
0.4
93
☆
●
■
JVR 10U 471K
470
±10%
300
385
775
25
4500
3
0.4
99
☆
●
■
JVR 10U 511K
510
±10%
320
418
842
25
4500
3
0.4
107
☆
●
■
JVR 10U 561K
560
±10%
350
460
920
25
4500
3
0.4
113
☆
●
■
JVR 10U 621K
620
±10%
385
505
1025
25
4500
3
0.4
125
☆
●
■
JVR 10U 681K
680
±10%
420
560
1120
25
4500
3
0.4
128
☆
●
■
JVR 10U 751K
750
±10%
460
615
1240
25
4500
3
0.4
134
☆
●
■
JVR 10U 781K
780
±10%
485
640
1290
25
4500
3
0.4
139
☆
●
■
JVR 10U 821K
820
±10%
510
670
1355
25
4500
3
0.4
146
☆
●
■
JVR 10U 911K
910
±10%
550
745
1500
25
4500
3
0.4
152
☆
●
■
JVR 10U 102K
1000
±10%
625
825
1650
25
4500
3
0.4
170
☆
●
■
JVR 10U 112K
1100
±10%
680
895
1815
25
4500
3
0.4
180
☆
●
■



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com