| Moteur de recherche de fiches techniques de composants électroniques |
|
CTV07R Fiches technique(PDF) 16 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
CTV07R Fiches technique(HTML) 16 Page - Amphenol Corporation |
|
16 / 54 page ![]() 14 Special insert arrangements front face of pin inserts illustrated Insert Arrangement 9-2 15-4* 15-25 17-20 Service Rating I II M M Number of Contacts 2 4 22 3 16 4 Contact Size 20 16 22D 16 22D 12 Insert Arrangement 21-12 21-21 21-99 Service Rating I M/Inst. M Number of Contacts 3 9 32 9 5 11 Contact Size 20 12 22D 12 22D 12 CONTACT LEGEND NOTE: Some specials shown here were formerly known as Pyle arrangements.Consult Amphenol for how to order information for connectors with these inserts. For further information on special arrangements consult Amphenol Aerospace, Sidney NY. * Pyle 15-4 does not mate with Amphenol Tri-Start 15-4 insert. Insert Arrangement 25-92 25-97 Service Rating M M Number of Contacts 92 9 26 3 13 Contact Size 22D 16 22D 16 12 A B A B C D 3 2 1 13 12 11 4 5 6 7 8 9 10 14 15 16 17 18 19 20 23 22 21 24 25 A B C D 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 A B C D E K F M G H J L 1 2 3 4 5 6 7 8 9 10 A B C D E F G H J 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 A B C D E F G H J K L M N PR S 1 3 4 5 13 24 36 46 67 57 79 90 98 101 97 89 78 66 56 45 35 23 12 AM BL N CK DJ EH FG WY X Ua V Z m r n p s k T S R P e d c b t u f g h w v j 8 10 12 16 20 22D |