| Moteur de recherche de fiches techniques de composants électroniques |
|
CTV07R Fiches technique(PDF) 11 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
CTV07R Fiches technique(HTML) 11 Page - Amphenol Corporation |
|
11 / 54 page ![]() 9 CONTACT LEGEND Tri-Start insert arrangements front face of pin inserts illustrated Insert Arrangement 9-5 9-35 9-94 9-98 11-2 11-5 11-35 11-54 Service Rating Grounded M M I I I M II Number of Contacts 1623 2 5 13 4 Contact Size 8 Twinax 22D 20 20 16 20 22D 22D Insert Arrangement 11-98 11-99 13-4 13-8 13-13 13-35 13-98 15-4 Service Rating IIII I, Fiber Optic M I I Number of Contacts 6748 2 2 22 10 4 Contact Size 20 20 16 20 16 12 22D 20 12 Dedicated to Fiber Optics Insert Arrangement 15-5 15-15 15-18 15-19 15-35 15-97 Service Rating II I I I M I Number of Contacts 5 14 1 18 19 37 8 4 Contact Size 16 20 16 20 20 22D 20 16 Insert Arrangement 17-2 17-6 17-8 17-22 17-26 Service Rating M I II Coax I Number of Contacts 38 1 6 8 2 2 26 Contact Size 22D 8 Twinax 12 16 12 Coax 8 Coax 20 A B C D E F G 5 1 6 4 3 2 BA A B A B C D E 1 2 3 4 5 6 7 8 9 10 11 12 13 A B C D EF A B C D A B C D E F G H A B C D 1 21 22 A B C D E F G H J K A B C D A B C D E A B C D E F G H J K L M N P R A B C D E F G H J K L MN P R S TU A B C D E F G H J K L M N P R S T U V 1 21 31 A B C D E F G H J K L M 1 6 11 17 30 A B C D E F A B C D E F G H A D C B A B C D E F G H J K L M N P R S T U V W X Y Z a b c 8 10 12 16 20 22D CA B A B D C |