Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JNP-40G-AOC-30M-C Fiches technique(PDF) 4 Page - ATGBICS by Approved Technology

No de pièce JNP-40G-AOC-30M-C
Description  JNP-40G-AOC-30M Juniper Compatible Active Optical Cable 40G QSFP (30m)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATGBICS [ATGBICS by Approved Technology]
Site Internet  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

JNP-40G-AOC-30M-C Fiches technique(HTML) 4 Page - ATGBICS by Approved Technology

  JNP-40G-AOC-30M-C Datasheet HTML 1Page - ATGBICS by Approved Technology JNP-40G-AOC-30M-C Datasheet HTML 2Page - ATGBICS by Approved Technology JNP-40G-AOC-30M-C Datasheet HTML 3Page - ATGBICS by Approved Technology JNP-40G-AOC-30M-C Datasheet HTML 4Page - ATGBICS by Approved Technology JNP-40G-AOC-30M-C Datasheet HTML 5Page - ATGBICS by Approved Technology JNP-40G-AOC-30M-C Datasheet HTML 6Page - ATGBICS by Approved Technology JNP-40G-AOC-30M-C Datasheet HTML 7Page - ATGBICS by Approved Technology JNP-40G-AOC-30M-C Datasheet HTML 8Page - ATGBICS by Approved Technology JNP-40G-AOC-30M-C Datasheet HTML 9Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_JNP-40G-AOC-30M-C_V1Page 4 of 9
Product Datasheet
Pin Descriptions
PIN
Logic
Symbol
Name/Description
Note
1
GND
Ground
1
2
CML-I
Tx2n
Transmitter Inverted Data Input
3
CML-I
Tx2p
Transmitter Non-Inverted Data output
4
GND
Ground
1
5
CML-I
Tx4n
Transmitter Inverted Data Input
6
CML-I
Tx4p
Transmitter Non-Inverted Data output
7
GND
Ground
1
8
LVTLL-I
ModSelL
Module Select
9
LVTLL-I
ResetL
Module Reset
10
VccRx
3.3V Power Supply Receiver
2
11
LVCMOS-I/O
SCL
2-Wire Serial Interface Clock
12
LVCMOS-I/O
SDA
2-Wire Serial Interface Data
13
GND
Ground
14
CML-O
Rx3p
Receiver Non-Inverted Data Output
15
CML-O
Rx3n
Receiver Inverted Data Output
16
GND
Ground
1
17
CML-O
Rx1p
Receiver Non-Inverted Data Output
18
CML-O
Rx1n
Receiver Inverted Data Output
19
GND
Ground
1
20
GND
Ground
1
21
CML-O
Rx2n
Receiver Inverted Data Output
22
CML-O
Rx2p
Receiver Non-Inverted Data Output



Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com