Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JNP-40G-AOC-30M-C Fiches technique(PDF) 3 Page - ATGBICS by Approved Technology

No de pièce JNP-40G-AOC-30M-C
Description  JNP-40G-AOC-30M Juniper Compatible Active Optical Cable 40G QSFP (30m)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATGBICS [ATGBICS by Approved Technology]
Site Internet  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

JNP-40G-AOC-30M-C Fiches technique(HTML) 3 Page - ATGBICS by Approved Technology

  JNP-40G-AOC-30M-C Datasheet HTML 1Page - ATGBICS by Approved Technology JNP-40G-AOC-30M-C Datasheet HTML 2Page - ATGBICS by Approved Technology JNP-40G-AOC-30M-C Datasheet HTML 3Page - ATGBICS by Approved Technology JNP-40G-AOC-30M-C Datasheet HTML 4Page - ATGBICS by Approved Technology JNP-40G-AOC-30M-C Datasheet HTML 5Page - ATGBICS by Approved Technology JNP-40G-AOC-30M-C Datasheet HTML 6Page - ATGBICS by Approved Technology JNP-40G-AOC-30M-C Datasheet HTML 7Page - ATGBICS by Approved Technology JNP-40G-AOC-30M-C Datasheet HTML 8Page - ATGBICS by Approved Technology JNP-40G-AOC-30M-C Datasheet HTML 9Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_JNP-40G-AOC-30M-C_V1Page 3 of 9
Product Datasheet
Electrical Specifications
Parameter
Symbol
Min
Typical
Max
Unit
Differential input impedance
Zin
90
100
110
ohm
Differential Output impedance
Zout
90
100
110
ohm
Differential input voltage amplitude
ΔVin
300
1100
mVp-p
Differential output voltage amplitude ΔVout
500
800
mVp-p
Bit Error Rate
BR
E-12
Input Logic Level High
VIH
2.0
VCC
V
Input Logic Level Low
VIL
0
0.8
V
Output Logic Level High
VOH
VCC-0.5
VCC
V
Output Logic Level Low
VOL
0
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com