| Moteur de recherche de fiches techniques de composants électroniques |
|
SCES296 Fiches technique(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SCES296 Fiches technique(HTML) 20 Page - Texas Instruments |
|
20 / 53 page ![]() AIC3204 Control Software www.ti.com Checking the Enable Polling box displays the DC measurement data. Other flags related to this feature can be accessed at the Status Flags panel. Figure 13. DC Measurement Panel 4.1.3 Control Categories The Digital Settings, Analog Settings, and Signal Processing categories provide control of many registers and other features of the TLV320AIC3204 . These categories are intended for the advanced user. Hovering the mouse cursor on top of a control displays a tip strip that contains page, register, and bit information. As an example, hovering on top of IN1_R of the Audio Inputs panel, as shown in Figure 14 displays p1_r55_b7-6 which means that this control writes to Page 1/Register 55/Bits D7 to D6. 20 TLV320AIC3204EVM-K SLAU266A – October 2008 – Revised October 2012 Submit Documentation Feedback Copyright © 2008–2012, Texas Instruments Incorporated |