| Moteur de recherche de fiches techniques de composants électroniques |
|
SCES296 Fiches technique(PDF) 15 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SCES296 Fiches technique(HTML) 15 Page - Texas Instruments |
|
15 / 53 page ![]() www.ti.com AIC3204 Control Software Figure 7. DRC Information Tab Any item in the Features category can be accessed by a double-click. As soon as a Features panel opens, a pop-up message appears asking to program the codec for that feature (see Figure 8). A command script is sent to the codec if the OK button is clicked. This script programs all registers necessary to evaluate the feature. This can be bypassed by clicking the Cancel button. Figure 8. Program Codec Pop-Up Window The script corresponding to each feature can be accessed at the Installation Directory\DATA\EVM folder. Also, each script can be manually customized and loaded as the feature's start-up script as long as the file name remains the same. 15 SLAU266A – October 2008 – Revised October 2012 TLV320AIC3204EVM-K Submit Documentation Feedback Copyright © 2008–2012, Texas Instruments Incorporated |