Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTCLE203E3...SB0 Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce NTCLE203E3...SB0
Description  NTC Thermistors, 2-Point Radial Leaded, Automotive Grades
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCLE203E3...SB0 Fiches technique(HTML) 3 Page - Vishay Siliconix

  NTCLE203E3...SB0 Datasheet HTML 1Page - Vishay Siliconix NTCLE203E3...SB0 Datasheet HTML 2Page - Vishay Siliconix NTCLE203E3...SB0 Datasheet HTML 3Page - Vishay Siliconix NTCLE203E3...SB0 Datasheet HTML 4Page - Vishay Siliconix NTCLE203E3...SB0 Datasheet HTML 5Page - Vishay Siliconix NTCLE203E3...SB0 Datasheet HTML 6Page - Vishay Siliconix NTCLE203E3...SB0 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NTCLE203E3...SB0
www.vishay.com
Vishay BCcomponents
Revision: 18-Sep-2020
3
Document Number: 29118
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RESISTANCE VALUES AT INTERMEDIATE TEMPERATURES WITH R25 AT 2252 , 3 k, 5 k AND 10 k
TEMP.
(°C)
PART NUMBER
NTCLE203E3222SB0
PART NUMBER
NTCLE203E3302SB
PART NUMBER
NTCLE203E3502SB0
PART NUMBER
NTCLE203E3103SB0
RT/R25
R-TOL.
(± %)
(%/K)
T-TOL.
(± °C)
RESISTANCE
(
)
RESISTANCE
(
)
RESISTANCE
(
)
RESISTANCE
(
)
-55.0
214 790
286 132
476 887
953 774
95.377
4.70
-7.37
0.64
-50.0
149 571
199 251
332 085
664 169
66.417
4.49
-7.11
0.63
-45.0
105 475
140 509
234 182
468 363
46.836
4.29
-6.86
0.62
-40.0
75 279
100 282
167 137
334 274
33.427
4.10
-6.63
0.62
-35.0
54 346
72 397
120 661
241 323
24.132
3.91
-6.41
0.61
-30.0
39 665
52 840
88 066
176 133
17.613
3.74
-6.19
0.60
-25.0
29 253
38 970
64 950
129 900
12.9900
3.57
-5.99
0.60
-20.0
21 791
29 028
48 381
96 761
9.6761
3.41
-5.79
0.59
-15.0
16 387
21 829
36 382
72 765
7.2765
3.25
-5.61
0.58
-10.0
12 435
16 565
27 609
55 218
5.5218
3.10
-5.43
0.57
-5.0
9518.7
12 680
21 134
42 268
4.2268
2.96
-5.26
0.56
0.0
7347.0
9787.3
16 312
32 624
3.2624
2.82
-5.10
0.55
5.0
5715.9
7614.4
12 691
25 381
2.5381
2.68
-4.94
0.54
10.0
4480.8
5969.1
9948.4
19 897
1.9897
2.55
-4.80
0.53
15.0
3538.2
4713.4
7855.6
15 711
1.5711
2.43
-4.65
0.52
20.0
2813.4
3747.8
6246.4
12 493
1.2493
2.31
-4.52
0.51
25.0
2252.0
3000.0
5000.0
10 000
1.0000
2.19
-4.39
0.50
30.0
1814.2
2416.8
4028.0
8056.0
0.80560
2.13
-4.26
0.50
35.0
1470.5
1958.9
3264.9
6529.7
0.65297
2.07
-4.14
0.50
40.0
1198.9
1597.2
2661.9
5323.9
0.53239
2.01
-4.03
0.50
45.0
983.06
1309.6
2182.6
4365.3
0.43653
1.96
-3.92
0.50
50.0
810.43
1079.6
1799.4
3598.7
0.35987
1.90
-3.81
0.50
55.0
671.61
894.68
1491.1
2982.3
0.29823
1.85
-3.71
0.50
60.0
559.36
745.14
1241.9
2483.8
0.24838
1.80
-3.61
0.50
65.0
468.11
623.60
1039.3
2078.7
0.20787
1.76
-3.51
0.50
70.0
393.57
524.30
873.83
1747.7
0.17477
1.71
-3.42
0.50
75.0
332.38
442.78
737.96
1475.9
0.14759
1.67
-3.34
0.50
80.0
281.91
375.54
625.90
1251.8
0.12518
1.63
-3.25
0.50
85.0
240.09
319.83
533.05
1066.1
0.10661
1.59
-3.17
0.50
90.0
205.29
273.48
455.79
911.59
0.091159
1.66
-3.09
0.54
95.0
176.21
234.74
391.23
782.46
0.078246
1.74
-3.02
0.58
100.0
151.81
202.23
337.06
674.11
0.067411
1.81
-2.94
0.62
105.0
131.26
174.85
291.42
582.84
0.058284
1.88
-2.87
0.66
110.0
113.88
151.70
252.84
505.68
0.050568
1.95
-2.81
0.70
115.0
99.130
132.06
220.09
440.19
0.044019
2.02
-2.74
0.74
120.0
86.569
115.32
192.21
384.41
0.038441
2.09
-2.68
0.78
125.0
75.836
101.02
168.37
336.748
0.033675
2.15
-2.62
0.82
130.0
66.632
88.764
147.94
295.881
0.029588
2.22
-2.56
0.87
135.0
58.716
78.219
130.36
260.729
0.026073
2.28
-2.50
0.91
140.0
51.886
69.120
115.20
230.400
0.023040
2.34
-2.45
0.96
145.0
45.975
61.246
102.08
204.152
0.020415
2.40
-2.39
1.00
150.0
40.845
54.411
90.685
181.370
0.018137
2.45
-2.34
1.05



Html Pages

1 2 3 4 5 6 7