Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTCLE203E3...SB0 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce NTCLE203E3...SB0
Description  NTC Thermistors, 2-Point Radial Leaded, Automotive Grades
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCLE203E3...SB0 Fiches technique(HTML) 2 Page - Vishay Siliconix

  NTCLE203E3...SB0 Datasheet HTML 1Page - Vishay Siliconix NTCLE203E3...SB0 Datasheet HTML 2Page - Vishay Siliconix NTCLE203E3...SB0 Datasheet HTML 3Page - Vishay Siliconix NTCLE203E3...SB0 Datasheet HTML 4Page - Vishay Siliconix NTCLE203E3...SB0 Datasheet HTML 5Page - Vishay Siliconix NTCLE203E3...SB0 Datasheet HTML 6Page - Vishay Siliconix NTCLE203E3...SB0 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NTCLE203E3...SB0
www.vishay.com
Vishay BCcomponents
Revision: 18-Sep-2020
2
Document Number: 29118
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters
L
T
B
H2
H1
d
F
B max.
4.2
T max.
4.0
H1
2.0 ± 1.0
H2 max.
6.0
L
41 ± 1
d
0.5 ± 0.05
F2.54
RESISTANCE VALUES AT INTERMEDIATE TEMPERATURES WITH R25 AT 2060 
PART NUMBER: NTCLE203E3202SB0
TEMP.
(°C)
RESISTANCE
(
)
RT/R25
R-TOL.
(± %)
(%/K)
T-TOL.
(± °C)
RMIN.
(
)
RMAX.
(
)
-55.0
126 160
61.243
4.14
-6.82
0.61
120 931
131 389
-50.0
90 317
43.843
3.96
-6.55
0.60
86 740
93 893
-45.0
65 498
31.795
3.78
-6.30
0.60
63 020
67 976
-40.0
48 085
23.342
3.61
-6.06
0.60
46 347
49 823
-35.0
35 712
17.336
3.45
-5.84
0.59
34 479
36 945
-30.0
26 816
13.018
3.30
-5.62
0.59
25 932
27 700
-25.0
20 347
9.8772
3.15
-5.42
0.58
19 706
20 988
-20.0
15 592
7.5688
3.01
-5.23
0.57
15 123
16 060
-15.0
12 060
5.8546
2.87
-5.05
0.57
11 715
12 406
-10.0
9412.5
4.5692
2.74
-4.87
0.56
9155.1
9670.0
-5.0
7408.5
3.5963
2.61
-4.71
0.55
7215.3
7601.7
0.0
5878.3
2.8536
2.49
-4.55
0.55
5732.2
6024.4
5.0
4700.2
2.2816
2.37
-4.40
0.54
4588.9
4811.4
10.0
3785.7
1.8377
2.25
-4.26
0.53
3700.4
3871.0
15.0
3070.5
1.4905
2.14
-4.12
0.52
3004.7
3136.3
20.0
2507.0
1.2170
2.04
-3.99
0.51
2456.0
2558.1
25.0
2060.0
1.0000
1.93
-3.87
0.50
2020.2
2099.8
30.0
1702.9
0.82666
1.87
-3.75
0.50
1671.0
1734.8
35.0
1416.0
0.68736
1.82
-3.64
0.50
1390.2
1441.7
40.0
1183.7
0.57461
1.77
-3.53
0.50
1162.8
1204.6
45.0
994.40
0.48272
1.72
-3.44
0.50
977.30
1011.5
50.0
839.19
0.40737
1.68
-3.35
0.50
825.13
853.25
55.0
711.20
0.34524
1.63
-3.27
0.50
699.57
722.83
60.0
605.10
0.29374
1.60
-3.19
0.50
595.44
614.76
65.0
516.72
0.25083
1.56
-3.12
0.50
508.65
524.78
70.0
442.75
0.21493
1.53
-3.06
0.50
435.99
449.52
75.0
380.60
0.18476
1.50
-2.99
0.50
374.90
386.30
80.0
328.16
0.15930
1.47
-2.94
0.50
323.34
332.98
85.0
283.76
0.13775
1.44
-2.88
0.50
279.67
287.84
90.0
246.02
0.11943
1.44
-2.83
0.51
242.49
249.55
95.0
213.85
0.10381
1.50
-2.78
0.54
210.64
217.07
100.0
186.34
0.090458
1.57
-2.73
0.57
183.42
189.26
105.0
162.75
0.079005
1.63
-2.68
0.61
160.10
165.40
110.0
142.46
0.069155
1.69
-2.64
0.64
140.05
144.87
115.0
124.96
0.060662
1.75
-2.60
0.67
122.77
127.15
120.0
109.84
0.053321
1.81
-2.56
0.71
107.85
111.83
125.0
96.737
0.046960
1.87
-2.52
0.74
94.930
98.545
130.0
85.358
0.041436
1.92
-2.48
0.77
83.715
87.000
135.0
75.454
0.036628
1.98
-2.45
0.81
73.961
76.947
140.0
66.817
0.032436
2.03
-2.41
0.84
65.460
68.175
145.0
59.269
0.028772
2.08
-2.38
0.88
58.035
60.504
150.0
52.661
0.025564
2.13
-2.35
0.91
51.537
53.785



Html Pages

1 2 3 4 5 6 7