| Moteur de recherche de fiches techniques de composants électroniques |
|
EVK-R6801 Fiches technique(PDF) 17 Page - u-blox AG |
|
|
|||||||||||||||||||||||||||||
EVK-R6801 Fiches technique(HTML) 17 Page - u-blox AG |
|
17 / 23 page ![]() EVK-R6 - User guide UBX-21035387 - R02 Appendix Page 17 of 23 C1-Public 3. Select “Dial-up” and, if requested, the modem previously installed. 4. Select one of the two AT commands ports. 5. Enter the parameters for the dial-up connection: o The module telephone number: *99***1# (change if using a PDP context different from 1) o The specific account information for the network operator o A name for the connection (e.g., “R6 Dial-up”) The packet data connection is now ready to be used with EVK-R6. Click “Connect” to start the connection, then start a browser to check internet connectivity. Consult the cellular network operator for username and password. In most cases, they can be left empty. |