| Moteur de recherche de fiches techniques de composants électroniques |
|
EVK-R6801 Fiches technique(PDF) 13 Page - u-blox AG |
|
|
|||||||||||||||||||||||||||||
EVK-R6801 Fiches technique(HTML) 13 Page - u-blox AG |
|
13 / 23 page ![]() EVK-R6 - User guide UBX-21035387 - R02 Appendix Page 13 of 23 C1-Public Appendix A Setting up AT terminal applications for communication with EVK-R6 The u-blox m-center cellular module evaluation tool is a powerful platform for evaluating, configuring and testing u-blox cellular products. m-center includes an AT commands terminal for communication with the device and can be downloaded free-of-charge from our website (http://www.u-blox.com). 1. Follow the board setup instructions in section 1.8 to provide all the required connections and switching on the cellular module. 2. Run the m-center tool: after the m-center start-up, the Home page appears. 3. On the Home page, set up the AT COM port; for the setting values see section 1.8. Check with the Windows Device Manager to find out which COM port is being used by the EVK-R6. Figure 4: “Home” page 4. Enable the connection to u-blox cellular module by clicking on the Connect button. 5. Retrieve the module and network information by clicking on the Get Info button. 6. The module information is retrieved and displayed on the Home page. 7. Click on the AT Terminal button, found at the upper right of the Home page. A new window opens and the AT-command terminal is now ready for communication with the EVK-R6. Figure 5: AT Terminal window 8. The AT terminal is ready to use. For the complete list of AT commands supported by the modules and their syntax, see the u-blox AT commands manual [1]. For more information on using the u-blox m-center cellular module evaluation tool, press the F1 key on the keyboard to open the m-center help window on the computer. |