| Moteur de recherche de fiches techniques de composants électroniques |
|
EVK-R6401 Fiches technique(PDF) 22 Page - u-blox AG |
|
|
|||||||||||||||||||||||||||||
EVK-R6401 Fiches technique(HTML) 22 Page - u-blox AG |
|
22 / 23 page ![]() EVK-R6 - User guide UBX-21035387 - R02 Appendix Page 22 of 23 C1-Public E Glossary Abbreviation Definition ADP Adapter Board APN Access Point Name AT AT Command Interpreter Software Subsystem, or attention B2B Board-To-Board CS Circuit Switched CTS Clear To Send DCI Direct Current DDC Display Data Channel DIL Dual In Line EPS Evolved Packet System EVB Evaluation Board EVK Evaluation Kit GND Ground GNSS Global Navigation Satellite System GPIO General Purpose Input Output GPRS General Packet Radio Service IMS IP Multimedia Subsystem IP Internet Protocol LDO Low Drop-Out LED Light Emitting Diode LTE Long Term Evolution NVM Non-Volatile Memory PIN Personal Identification Number PS Packet Switch PSU Power Supply Unit RAT Radio Access Technology RF Radio Frequency RI Ring Indicator SIM Subscriber Identity Module TCP Transfer Control Protocol UART Universal Asynchronous Receiver-Transmitter URC Unsolicited Result Code USB Universal Serial Bus VCC Voltage Common Collector Table 8: Explanation of the abbreviations and terms used F Declaration of conformities The equipment is intended for indoor usage. It is the user’s duty to verify if further restrictions apply, such as in airplanes, hospitals, or hazardous locations (petrol stations, refineries, etc.). Any changes or modification made to this equipment will void its compliance to the safety requirements. Maintenance, inspections and/or repairs of the EVK-R6 shall be performed by u-blox AG. |