Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EVK-R6401 Fiches technique(PDF) 16 Page - u-blox AG

No de pièce EVK-R6401
Description  LARA-R6 series cellular evaluation kit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  U-BLOX [u-blox AG]
Site Internet  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-R6401 Fiches technique(HTML) 16 Page - u-blox AG

Back Button EVK-R6401 Datasheet HTML 12Page - u-blox AG EVK-R6401 Datasheet HTML 13Page - u-blox AG EVK-R6401 Datasheet HTML 14Page - u-blox AG EVK-R6401 Datasheet HTML 15Page - u-blox AG EVK-R6401 Datasheet HTML 16Page - u-blox AG EVK-R6401 Datasheet HTML 17Page - u-blox AG EVK-R6401 Datasheet HTML 18Page - u-blox AG EVK-R6401 Datasheet HTML 19Page - u-blox AG EVK-R6401 Datasheet HTML 20Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
EVK-R6 - User guide
UBX-21035387 - R02
Appendix
Page 16 of 23
C1-Public
6.
Now the new modem is visible under the
Modems tab in Control Panel > Phone and
Modem.
Any extra initialization AT command (e.g., to set
a specific APN name) can be entered by
selecting Properties and filling in the “Extra
initialization commands” text box under the
Advanced tab.
Now the module is ready, and the connection can be configured.
The modem configuration can also be edited by clicking on the modem name in the Device Manager.
B.2 How to install and configure a high data rate modem
connection
This example describes how to install and configure a high data rate packet data connection on a PC
with the Windows 10 operating system, using the TCP/IP stack of the PC, over the native USB
interface of the cellular module connected to the Windows PC by the Cellular Native USB connector
(J105 on the ADP-R6).
1. Open the Control Panel, go to the Network
and Sharing Center, and select “Set up a
new connection or network”.
2.
Select “Connect to the Internet” and click
“Next”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23