Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM486DX2 Fiches technique(PDF) 66 Page - Advanced Micro Devices

No de pièce AM486DX2
Description  Am5X86??Microprocessor Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DX2 Fiches technique(HTML) 66 Page - Advanced Micro Devices

Back Button AM486DX2 Datasheet HTML 59Page - Advanced Micro Devices AM486DX2 Datasheet HTML 60Page - Advanced Micro Devices AM486DX2 Datasheet HTML 61Page - Advanced Micro Devices AM486DX2 Datasheet HTML 62Page - Advanced Micro Devices AM486DX2 Datasheet HTML 63Page - Advanced Micro Devices AM486DX2 Datasheet HTML 64Page - Advanced Micro Devices AM486DX2 Datasheet HTML 65Page - Advanced Micro Devices AM486DX2 Datasheet HTML 66Page - Advanced Micro Devices AM486DX2 Datasheet HTML 67Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 66 / 67 page
background image
66
Am5X86 Microprocessor
AMD
PRELIMINARY
13
PHYSICAL DIMENSIONS
1.735
1.765
1.735
1.765
Bottom View (Pins Facing Up)
Base Plane
Seating Plane
0.140
0.180
0.110
0.140
0.105
0.125
0.017
0.020
Side View
168-Pin PGA
0.025
0.045
1.595
1.605
1.595
1.605
Index
Corner
0.090
0.110
Notes:
1. All measurements are in inches.
2. Not to scale. For reference only.
3. BSC is an ANSI standard for Basic Space Centering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67