Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM486DX2 Fiches technique(PDF) 50 Page - Advanced Micro Devices

No de pièce AM486DX2
Description  Am5X86??Microprocessor Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DX2 Fiches technique(HTML) 50 Page - Advanced Micro Devices

Back Button AM486DX2 Datasheet HTML 46Page - Advanced Micro Devices AM486DX2 Datasheet HTML 47Page - Advanced Micro Devices AM486DX2 Datasheet HTML 48Page - Advanced Micro Devices AM486DX2 Datasheet HTML 49Page - Advanced Micro Devices AM486DX2 Datasheet HTML 50Page - Advanced Micro Devices AM486DX2 Datasheet HTML 51Page - Advanced Micro Devices AM486DX2 Datasheet HTML 52Page - Advanced Micro Devices AM486DX2 Datasheet HTML 53Page - Advanced Micro Devices AM486DX2 Datasheet HTML 54Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 67 page
background image
50
Am5X86 Microprocessor
AMD
PRELIMINARY
State
Save
SMI Handler
State Resume
Normal
Cycle
RSM
SMI
SMIACT
Figure 33. SMM Timing in Systems Using Non-Overlaid Memory Space
and Write-Through Mode with Caching Enabled During SMM
Figure 34. SMM Timing in Systems Using Non-Overlaid Memory Spaces
and Write-Back Mode with Caching Enabled During SMM
State
Save
SMI Handler
State Resume
Normal
Cycle
RSM
SMI
SMIACT
Note:
For proper operation of systems configured in Write-back mode when caching during SMM is allowed, force WB/WT Low to
force all caching to be write-through during SMM.
WB/WT
Figure 35. SMM Timing in Systems Using Non-Overlaid Memory Spaces
and Write-Back Mode with Caching Disabled During SMM
State
Save
SMI Handler
State Resume
Normal
Cycle
RSM
SMI
SMIACT
KEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67