| Moteur de recherche de fiches techniques de composants électroniques |
|
STV8438CV Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV8438CV Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 9 page ![]() R/C TTL -> ECL Translator D reg. DAC Switch Bandgap Reference voltage R OUT G OUT COM B OUT R AUX G AUX B AUX CLK R <0,7> G <0,7> B <0,7> TTL -> ECL Translator D reg. DAC Switch Clamp Clamp TTL -> ECL Translator D reg. DAC Switch Clamp STV8438CV BLOCK DIAGRAM CIRCUIT DESCRIPTION The STV8438CV is designed with 3 identical D/A converters.Each D/Aconverter is composed of two 4-bit DACs separated by a current divider. The elementary DAC is composed of multiple identical current switches supplied with the same current allowing high speed conversion rate. DIGITAL INPUT CHANNELS The STV8438CV supports binary coding on the 3 R, G, B, input channels when R/C pin is high. When R/C pin is low, a 2’s complement coding is applied to the R and B channels this provides the capability to use the STV8438CV with luminance and chromi- nance coded signal ; the luminance signal (usually called Y) being applied to the G channel, the chrominance signals (called U, V) being applied respectively to the R and B channels. The input range on Y signal is 0/255 and the input range on both U, V signals is -128/+127. For both binary coding and 2’s complement coding the out- put voltage is in the range of 1.685V for the lowest code to 3.315V for the highest code. ANALOG INPUT CHANNELS The STV8438CV provides the capability to switch the output voltage from signals coming from the digital channels or from signals coming from auxil- iary analog inputs. When COM signal is low, the auxiliary analog signals are connected to the output amplifier internally clamped to the 16th digital step. When COM signal is high, the digital inputsafter D/A conversion are connected to the output amplifier. STV8438CV 3/9 |