| Moteur de recherche de fiches techniques de composants électroniques |
|
STV8438CV Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV8438CV Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 9 page ![]() PIN LIST Pin Number Symbol Type Function 41 to 44, 1 to 4 G<0:7> I Digital Input Channel G 5 to 12 R<0:7> I Digital Input Channel R 13, 28 VCC (D) I Digital Power Supply 14, 27 GND (D) I Digital Ground 15, 26 VCC (A) I Analog Power Supply 16 GND (A) I Analog R Channel Ground 18 ROUT O Analog Output, R Channel 19 RAUX I Auxiliary Analog Input, R Channel 20 GND (A) I Analog G Channel Ground 21 GOUT O Analog Output, G Channel 22 GAUX I Auxiliary Analog Input, G Channel 23 GND (A) I Analog B Channel Ground 24 BOUT O Analog Output, B Channel 25 BAUX I Auxiliary Analog Input, B Channel 29 to 36 B<0:7> I Digital Input Channel B 37 R/C I Binary or 2’s Complement Selection 38 CLK I Clock Input 40 COM I Analog Switch Selection PIN DESCRIPTION G<0:7> : Digital input channel G These TTL 8-Bit input data are sampled on the rising edge of the clock CLK. G0 is the LSB and G7 the MSB, coding is binary. R<0:7> : Digital input channel R These TTL 8-Bit input data are sampled on the rising edge of the clock CLK. R0 is the LSB and R7 the MSB. Coding is binary if the R/C input is high, coding is 2’s complement if the R/C input is low. B<0:7> : Digital input channel B These TTL 8-Bit input data are sampled on the rising edge of the clock CLK. B0 is the LSB and B7 the MSB. Coding is binary if the R/C input is high, coding is 2’s complement if the R/C input is low. R/C : Binary/2’scomplement coding selection This TTL input selects the coding type on R and B channels. R/C = 0 selects 2’s complement coding on R and B channels. R/C = 1 selects Binary coding on R and B channels. RAUX : Auxiliary analog input, R channel This analog input is connected to the output ROUT throughthe output amplifier if the COM signal is low. GAUX : Auxiliary analog input, G channel This analog input is connected to the output GOUT through the output amplifier if the COMsignal is low. BAUX : Auxiliary analog input, B channel This analog input is connected to the output BOUT through the output amplifier if the COM signal is low. ROUT : Analog output, R channel This voltage analog output corresponds to the digi- tal channel R if the COM signal is high or to the auxiliary analog input RAUX it the COM signal is low. GOUT : Analog output, G channel This voltage analog output corresponds to the digi- tal channel G if the COM signal is high or to the auxiliary analog input GAUX if the COM signal is low. BOUT : Analog output, B channel This voltage analog output corresponds to the digi- tal channel B if the COM signal is high or to the auxiliary analog input BAUX if the COM signal is low. CLK : Clock signal The digital inputs are sampled on the rising edge of this TTL input signal. VCC (A) / GND (A) : Analog power supply. VCC (D) / GND (D) : Digital power supply. COM : Digital or analog inputs selection This TTL input selects on the output stage the signal from the D/A converter or the signal from the external analog input. The three internal analog switches are activated by the COM signal. COM = 0 connects auxiliary analog inputs to output amplifier. COM = 1 connectsinternal digital channel to output amplifier. STV8438CV 2/9 |