| Moteur de recherche de fiches techniques de composants électroniques |
|
STPM33 Fiches technique(PDF) 86 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPM33 Fiches technique(HTML) 86 Page - STMicroelectronics |
|
86 / 121 page ![]() Register map STPM32, STPM33, STPM34 86/121 DS10272 Rev 8 10 Register map There are three types of data register: RW: read and written by application (in orange in the picture below) RWL: the status bits, set from DSP, must be latched to read updated content, and must be cleared by the application (in orange in the picture below) RL: read registers only, they contain measured data and are continuously updated by DSP, so they need to be latched before reading (in blue in the picture below) The following nomenclature is used in the above registers: A: active wideband F: active fundamental R: reactive S: apparent |