| Moteur de recherche de fiches techniques de composants électroniques |
|
STPM33 Fiches technique(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPM33 Fiches technique(HTML) 48 Page - STMicroelectronics |
|
48 / 121 page ![]() Theory of operation STPM32, STPM33, STPM34 48/121 DS10272 Rev 8 8.4.6 Calculation of power and energy In the following section, constant parameters, coming from the device architecture, are used: Table 13. STPM3x internal parameters Parameter Value Voltage reference VREF = 1.18 [V] Decimation clock DCLK = 7812.5 [Hz] Integrator gain (for Rogowski coil only) kint = 1 If ROC bit = 0 in DSP_CR1,2 kint = 0.8155773 If ROC bit = 1 in DSP_CR1,2 |