Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STNRG011 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce STNRG011
Description  Digital combo multi-mode PFC and time-shift LLC resonant controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRG011 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button STNRG011 Datasheet HTML 8Page - STMicroelectronics STNRG011 Datasheet HTML 9Page - STMicroelectronics STNRG011 Datasheet HTML 10Page - STMicroelectronics STNRG011 Datasheet HTML 11Page - STMicroelectronics STNRG011 Datasheet HTML 12Page - STMicroelectronics STNRG011 Datasheet HTML 13Page - STMicroelectronics STNRG011 Datasheet HTML 14Page - STMicroelectronics STNRG011 Datasheet HTML 15Page - STMicroelectronics STNRG011 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
7
Application schematics
Figure 4. Typical application schematic
VCC
VCC
VCC
Optional
for surge
Q3
D17
C1
D14
D9
C9
C18
ISO1
R22
Q4
R19
Q1
+
C17
D5
C12
R2
R20
R17
R7
C5
+
C2
U2
TL431
+
C16
D18
J3
UART
1
2
3
R3
D7
R21
R13
R14
R1
D15
D2
R11
C11
C3
T1
C7
C15
C8
U1
STNRG011
VAC
20
N.C.
19
SGND
15
PFC_GD
17
PFC_CS
12
PFC_FB
13
PFC_ZCD
11
VCC
18
VCORE
14
PGND
16
RX
7
LLC_AUX
9
LLC_FB
10
LLC_CS
8
LVG
5
TX
6
N.C.
4
FGND
3
HVG
2
BOOT
1
D12
D11
R9
C10
R4
D1
C4
D10
J1
Mains input
D3
D16
D8
+
C6
R16
R8
R23
D4
R6
Q2
J2
VOUT
1
2
C14
R15
R10
R18
D13
R12
R5
L1
C13
D6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31