| Moteur de recherche de fiches techniques de composants électroniques |
|
STNRG011 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STNRG011 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 31 page ![]() Features • Digital combo multi-mode PFC + time-shift LLC resonant half-bridge controller • Onboard 800 V startup circuit, line sense and X-cap discharge compliant with IEC 62368-1, for reduced standby power • Enhanced fixed on time multi-mode TM PFC controller with input voltage feed- forward, THD optimizer and frequency limitation • Complete set of PFC protections • Time-shift control of resonant half-bridge • Enhanced burst-mode at light load with fast • transient response and line adaptive half- bridge brown-out protection • Complete set of half-bridge protections • Available in SO20 package Applications • Open frame SMPS • Flat screen TV SMPS • ATX power supply • AC-DC adapter Figure 1. Block diagram BOOT HVG FGND LVG LLC_CS LLC_AUX LLC_FB PFC_GD PFC_CS PFC_ZCD VCORE VCC Power management and communication HV half-bridge driver LLC controller PFC_FB TX RX VAC HV AC line interface PFC controller Product status link STNRG011 Product summary Order code STNRG011 STNRG011T R Package SO20 Packing Tube Tape & Reel Product label Digital combo multi-mode PFC and time-shift LLC resonant controller STNRG011 Datasheet DS12075 - Rev 4 - February 2021 For further information contact your local STMicroelectronics sales office. www.st.com |
Numéro de pièce similaire - STNRG011 |
|
Description similaire - STNRG011 |